Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
121
The interrupt logic is illustrated in Figure 24.
event-level register
bit (read only)
e.g. RTC_ALM_EINT
event / fault
condition sets
secondary interrupt
e.g. RTC Alarm
“mask” register bit
(read/write)
e.g. IM_RTC_ALM_EINT
Writing ‘1’ to this bit
clears the
secondary interrupt
AND
OR
other secondary
interrupts
e.g. RTC_PER_EINT
NOR
IRQ pin
other primary interrupts
e.g. WDOG_INT,
AUXADC_INT
AND
“mask” register bit
(read/write)
e.g. IM_RTC_INT
Primary interrupt
register bit
(read only)
e.g. RTC_INT
OR
IRQ mask bit
IM_IRQ
Figure 24 Interrupt Logic
Following the assertion of the IRQ
¯¯¯ pin to indicate an Interrupt event, the host processor can determine
which primary interrupt caused the event by reading the primary interrupt register R16400 (4010h).
This register is defined in Section 23.1.
After reading the primary interrupt register, the host processor must read the corresponding
secondary interrupt register(s) in order to determine which specific event caused the IRQ
¯¯¯ pin to be
asserted. The host processor clears the secondary interrupt bit by writing a logic 1 to that bit.
23.1 PRIMARY INTERRUPTS
The primary interrupts are defined in Table 64. These bits are Read Only. They are set when any of
the associated unmasked secondary interrupts is set. They can only be reset when all of the
associated secondary resets are cleared or masked.
Each primary interrupt can be masked. When a mask bit is set, the corresponding primary interrupt is
masked and does not cause the IRQ
¯¯¯ pin to be asserted. The primary interrupt bits in R16408 (4018h)
are valid regardless of whether the mask bit is set. The primary interrupts are all masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16400
(4010h)
System
Interrupts
15
PS_INT
Power State primary interrupt
0 = No interrupt
1 = Interrupt is asserted
14
TEMP_INT
Thermal primary interrupt
0 = No interrupt
1 = Interrupt is asserted
13
GP_INT
GPIO primary interrupt
0 = No interrupt
1 = Interrupt is asserted
12
ON_PIN_INT
ON Pin primary interrupt
0 = No interrupt
1 = Interrupt is asserted
11
WDOG_INT
Watchdog primary interrupt
0 = No interrupt
1 = Interrupt is asserted
8
AUXADC_INT
AUXADC primary interrupt
0 = No interrupt
1 = Interrupt is asserted
7
PPM_INT
Power Path Management primary
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com