Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
118
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
LED1_DUR
[1:0]
01
LED1 On time
(when LED1_MODE = Continuous
Pulsed or Pulsed Sequence)
00 = 1 second
01 = 250ms
10 = 125ms
11 = 62.5ms
1:0
LED1_DUTY_C
YC [1:0]
10
LED1 Duty Cycle (On:Off ratio)
(when LED1_MODE = Continuous
Pulsed or Pulsed Sequence)
00 = 1:1 (50% on)
01 = 1:2:(33.3% on)
10 = 1:3 (25% on)
11 = 1:7 (12.5% on)
R16461
(404Dh)
Status LED2
9:8
LED2_MODE
[1:0]
00
LED2 Mode
(Controls LED2 in Manual Mode
only.)
00 = Off
01 = Constant
10 = Continuous Pulsed
11 = Pulsed Sequence
5:4
LED2_SEQ_LE
N [1:0]
10
LED2 Pulse Sequence Length
(when LED2_MODE = Pulsed
Sequence)
00 = 1 pulse
01 = 2 pulses
10 = 4 pulses
11 = 7 pulses
3:2
LED2_DUR
[1:0]
01
LED2 On time
(when LED2_MODE = Continuous
Pulsed or Pulsed Sequence)
00 = 1 second
01 = 250ms
10 = 125ms
11 = 62.5ms
1:0
LED2_DUTY_C
YC [1:0]
10
LED2 Duty Cycle (On:Off ratio)
(when LED2_MODE = Continuous
Pulsed or Pulsed Sequence)
00 = 1:1 (50% on)
01 = 1:2:(33.3% on)
10 = 1:3 (25% on)
11 = 1:7 (12.5% on)
Table 62 System Status LED Outputs - Manual Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com