Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
116
22 SYSTEM STATUS LED DRIVERS
22.1 GENERAL DESCRIPTION
The WM8326 provides two System Status LED Drivers. These are digital outputs intended for driving
LEDs directly. The LED outputs can be assigned to indicate OTP Program status or Power State
status. They can also be commanded directly via register control, in order to provide any other
required functionality.
22.2 LED DRIVER CONTROL
LED Drivers are configurable in the ON and SLEEP power states only. The functionality of the LED
Drivers is controlled by the LEDn_SRC register bits, as described in Table 59.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16460
(404Ch)
Status LED1
15:14
LED1_SRC
[1:0]
11
LED1 Source
(Selects the LED1 function.)
00 = Off
01 = Power State Status
10 = Reserved
11 = Manual Mode
Note - LED1 also indicates
completion of OTP Auto Program
R16461
(404Dh)
Status LED2
15:14
LED2_SRC
[1:0]
11
LED2 Source
(Selects the LED2 function.)
00 = Off
01 = Power State Status
10 = Reserved
11 = Manual Mode
Note - LED2 also indicates an OTP
Auto Progam Error condition
Table 59 System Status LED Control
22.2.1 OTP PROGAM STATUS
The LED drivers indicate the status of the OTP Auto Program function, where the contents of the
external InstantConfig™ EEPROM (ICE) memory are automatically programmed into the OTP. See
Section 14.6.3 for further details of the OTP Auto Program function.
When the OTP Auto Program function is executed, the System Status LED drivers follow the
functionality defined in Table 60.
LED DRIVER
DESCRIPTION
DRIVE MODE
LED ‘ON’
TIME
ON:OFF
DUTY CYCLE
LED1
OTP Auto Program
Complete
Constant
n/a
n/a
LED2
OTP Auto Progam Error
Constant
n/a
n/a
Table 60 System Status LED Outputs - OTP Program Status
The OTP Program Status LED outputs will continue until a Device Reset.
Note that the OTP Program Status is always indicated via the LED outputs, regardless of the
LEDn_SRC register fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com