Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 248 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 248 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 252Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
248
30.2 VOLTAGE AND CURRENT REFERENCE COMPONENTS
A decoupling capacitor is required between VREFC and GND; a 100nF X5R capacitor is
recommended (available in 0201 package size).
A current reference resistor is required between IREFR and GND; a 100k
 (1%) resistor is
recommended.
30.3 DC-DC BUCK CONVERTER EXTERNAL COMPONENTS
The recommended connections to the DC-DC buck converters are illustrated in Figure 29.
Figure 29 DC-DC Buck Converter External Components
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. It should be noted that some
components’ capacitance changes significantly depending on the DC voltage applied. Ceramic X7R
or X5R types are recommended.
The choice of output capacitor varies depending on the required transient response. Larger values
may be required for optimum performance under large load transient conditions. Smaller values may
be sufficient for a steady load, or in applications without stringent requirements on output voltage
accuracy during load transients.
For layout and size reasons, users may choose to implement large values of output capacitance by
connecting two or more capacitors in parallel. To ensure stable operation, the DCm_CAP register
fields must be set according to the output capacitance, as described in Section 15.6.
When selecting a suitable output inductor, the inductance value and the saturation current must be
compatible with the operating conditions of the converter.
The magnitude of the inductor current ripple is dependant on the inductor value and can be
determined by the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com