Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 252 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 252 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 255Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 252 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
252
30.5 PCB LAYOUT
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. Poor regulation and instability can result.
Simple design rules can be implemented to negate these effects:
External input and output capacitors should be placed as close to the device as possible using short
wide traces between the external power components. For the DC-DC Converters, the input capacitor
placement takes priority on the DC-DC converters. (For the LDO Regulators, the placement of the
input and output capacitors have equal priority.)
Route the DC-DC converter output voltage feedback as an independent connection to the top of the
output capacitor to create a true sense of the output voltage, routing away from noisy signals such as
the LX connection.
Use a local ground island for each individual DC-DC converter connected at a single point onto a fully
flooded ground plane.
Current loop areas should be kept as small as possible with loop areas changing little during
alternating switching cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com