Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 253 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 253 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 255Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 253 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
253
31 PACKAGE DIAGRAM
DM082.B
FL: 81 PIN QFN PLASTIC PACKAGE 8 X 8 X 0.85 mm BODY
TOP VIEW
PIN 1
CORNER
A
A1
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETRES
2. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-002.
3. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
EXPOSED
GND
PADDLE
A2 (A3)
A10
B8
B7
B6
B5
A7
A6
B10
B9
A9
A8
B11
A11
D3
D2
F3
F2
H3
H2
K3
K2
M3
M2
N3
W9
Y10
W10
Y11
W11
V3
U2
R2
N2
U3
V4
W12
Y12
R3
W8
W7
Y9
Y8
Y7
W6
W2
W5
W4
W3
Y6
Y5
Y4
Y3
Y2
W1
Y1
V2
V1
A5
A2
A4
A3
B3
B4
B2
F1
E1
D1
C1
B1
G1
H1
J1
K1
M1
N1
R1
U1
L1
P1
T1
D
E
E2
D2
3.675
3.175
2.675
2.025
1.375
0.725
0.075
0
0.575
1.225
1.875
2.525
3.175
3.675
BOTTOM VIEW
C
C
SECTION C-C
3.675
3.175
3.025
2.675
2.375
2.025
1.375
1.725
1.075
0.725
0.260
0.075
0.575
0.990
1.225
1.805
1.875
2.525
3.175
3.675
L
b
DETAIL A
C
bbb
B
C
ddd
A
M
B
C
ddd
A
M
L1
b
DETAIL B
B
C
ddd
A
M
B
C
ddd
A
M
L2
b
DETAIL C
B
C
ddd
A
M
DETAIL D
B
C
ddd
A
M
A1
Ø0.25±0.03
A
B
C
aaa
B
C
ddd
A
M
A
C
eee
B
A
C
eee
B
C
ccc
C
DETAIL C
DETAIL B
DETAIL A
DETAIL D
68x
8x
4x
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
b
D
D2
E
E2
L
L1
---
0.28
0.25
0.22
8 BSC
5.65
5.60
5.55
8 BSC
0.25
5.60
5.65
5.55
0.37
0.4
0.43
A1
A3
0.02
0.05
0.08
0.13
JEDEC, MO-220
Tolerances of Form and Position
bbb
ccc
ddd
0.20
0.05
0.08
REF
---
0.85
A2
0.64
0.675
0.71
0.12
0.14
0.22
0.28
0.47
L2
0.5
0.53
aaa
0.10
eee
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com