Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 249 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 249 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 253Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
249
As a minimum requirement, the DC current rating should be equal to the maximum load current plus
one half of the inductor current ripple:
To be suitable for the application, the chosen inductor must have a saturation current that is higher
than the peak inductor current given by the above equation. To maximise the converter efficiency, the
inductor should also have a low DC Resistance (DCR), resulting in minimum conduction losses. Care
should also be taken to ensure that the component’s inductance is valid at the applicable operating
temperature.
The WM8326 incorporates a current-limit protection feature for all DC-DC Converter outputs. In order
to achieve the benefit of this feature, the output inductor saturation current limit must be greater than
or equal to the P-channel Current Limit for the applicable converter (see Section 7).
Wolfson recommends the following external components for use with DC-DC Converters 1 and 2.
The output inductor must be consistent with the DCm_FREQ register setting. The supported
configurations are listed in Table 84. Note that for output voltages greater than 1.4V, the 2MHz mode
must be used.
DCm_FREQ
SWITCHING
FREQUENCY
OUTPUT
INDUCTOR
COMMENTS
00
n/a
n/a
n/a
01
2MHz
2.2
H
Best efficiency
10
4MHz
1.0
H
Best transient performance
11
n/a
n/a
n/a
Table 84 Output Inductor Selection - DC-DC1, DC-DC2
The output capacitor must be consistent with the DCm_CAP register setting. For best performance,
the 47
F component is recommended. For typical applications, the 22F is suitable; this is the
minimum recommended output capacitor value.
COMPONENT
VALUE
PART NUMBER
SIZE
L
1
H
Coilcraft XFL4020-102ME_
4 x 4 x 2.1mm
2.2
H
TDK VLC5045-2R2N
5 x 5 x 4.5mm
2.2
H
Coilcraft XAL4030-222ME_
4 x 4 x 3.1mm
COUT
47
F
MuRata GRM21BR60G476MEA1
0805
22
F
MuRata GRM21BR60J226ME39
0805
CIN
22
F
MuRata GRM21BR60J226ME39
0805
Table 85 Recommended External Components - DC-DC1, DC-DC2
Wolfson recommends the following external components for use with DC-DC Converters 3 and 4.
Note that the switching frequency of DC-DC3 and DC-DC4 is fixed at 2MHz and the output inductor
must be 2.2
H in all cases.
The output capacitor must be consistent with the DCm_CAP register setting. For best performance,
the 47
F component is recommended. For typical applications, the 22F is suitable. The alternative
values may be used for size or cost reasons if preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com