Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 250 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 250 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 254Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
250
COMPONENT
VALUE
PART NUMBER
SIZE
L
2.2
H
Coilcraft LPS3015-222ML
3 x 3 x 1.5mm
COUT
47
F
MuRata GRM21BR60G476MEA1
0805
22
F
MuRata GRM21BR60J226ME39
0805
10
F
MuRata GRM188R60J106ME84
0603
CIN
4.7
F
MuRata GRM188R60J475ME84
0603
Table 86 Recommended External Components - DC-DC3, DC-DC4
30.3.1 DC-DC3 / DC-DC4 DUAL MODE
When DC-DC3 and DC-DC4 are operating in dual mode, the external component configuration for
each converter is the same as previously noted for single converters. The output load connection
points (Vo) are simply connected together as shown in Figure 30.
Figure 30 DC-DC3 / DC-DC4 Dual Mode Converter Connections
Wolfson recommends the following external components for use with DC-DC Converters 3 and 4
when operating in Dual Mode.
The output capacitor must be consistent with the DCm_CAP register setting. For best performance,
the 47
F component is recommended. For typical applications, the 22F is suitable. The alternative
values may be used for size or cost reasons if preferred.
COMPONENT
VALUE
PART NUMBER
SIZE
L
2.2
H
Coilcraft LPS3015-222ML_
3 x 3 x 1.5mm
COUT
47
F
MuRata GRM21BR60G476MEA1
0805
22
F
MuRata GRM21BR60J226ME39
0805
10
F
MuRata GRM188R60J106ME84
0603
CIN
4.7
F
MuRata GRM188R60J475ME84
0603
Table 87 Recommended External Components - DC-DC3 / DC-DC4 Dual Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com