Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
66
13.4.4
CONTROLLING THE PRE-AMPLIFIER GAINS
The gain of each microphone pre-amplifier is controlled by writing to the appropriate control registers.
The gain of each pre-amplifier applies to all three inputs associated with that pre-amplifier, whether
inverting or non-inverting. Although the gain settings for each pre-amplifier are in two separate
registers, both gains can be changed simultaneously using the IN_VU bit (see Table 22). Additionally,
it is also possible to control the gain updates to occur when the respective signal crosses through
zero. This feature reduces clicking noise caused by gain changes.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R80 (50h)
Left Input
Volume
14
INL_MUTE
0
Mute control for left channel input PGA:
0 = Input PGA not muted, normal operation
1 = Input PGA muted (and disconnected from
the following input record mixer).
13
INL_ZC
0
Left channel input PGA zero cross enable:
0 = Update gain when gain register changes
1 = Update gain on 1st zero cross after gain
register write.
8
IN_VU
0
Input left PGA and input right PGA volume do
not update until a 1 is written either IN_VU
register bit.
7:2
INL_VOL
[5:0]
01_0000
Left channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
R81 (51h)
Right Input
Volume
14
INR_MUTE
0
Mute control for right channel input PGA:
0 = Input PGA not muted, normal operation
1 = Input PGA muted (and disconnected from
the following input record mixer).
13
INR_ZC
0
Right channel input PGA zero cross enable:
0 = Update gain when gain register changes
1 = Update gain on 1st zero cross after gain
register write.
8
IN_VU
0
Input left PGA and input right PGA volume do
not update until a 1 is written either IN_VU
register bit.
7:2
INR_VOL
[5:0]
01_0000
Right channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
Table 22 Controlling the Microphone Pre-amplifier Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com