Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
93
Figure 54 DSP/PCM Mode Audio Interface (mode B, AIF_LRCLK_INV=1)
13.10.2 AUDIO INTERFACE TDM MODE
The digital audio interface on WM8351 has the facility of tri-stating the ADCDAT pin to allow multiple
data sources to operate on the same bus. Time division multiplexing (TDM) is also supported,
allowing audio output data to be transferred simultaneously from two different sources.
TDM mode is enabled for the ADC and DAC by register bits AIFADC_TDM and AIFDAC_TDM
respectively. TDM slot selection for the WM8351 is set for the ADC and DAC by register bits
AIFADC_TDM_CHAN and AIFDAC_TDM_CHAN respectively, as defined in Table 46. When not
actively transmitting data, the ADCDAT pin will be tristated in TDM mode, to allow other devices to
transmit data.
13.10.3 TDM DATA FORMATS
All selectable data formats support TDM. The allocation of time slots is controlled by register bits
AIFADC_TDM_CHAN and AIFDAC_TDM_CHAN. Two possible slots (SLOT0 and SLOT1) are
available for the ADC and for the DAC.
Timing signals for the various interface formats in TDM mode are shown below for the ADC. Similar
slot allocation will exist for the DAC.
Left Justified Mode:
SLOT0 and SLOT1 are defined as shown below. The number of BCLK cycles
from the start of SLOT0 to the start of SLOT1 is determined by the selected word length of the
interface of the WM8351.
Figure 55 Left Justified Mode with TDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com