Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
9
1
PIN CONFIGURATION
12
3
4
56
7
8
9
10
11
12
13
A
DNC
DNC
OP
PV1
L1
PG1
DNC
DNC
DNC
DNC
GPIO12
FB2
PG2
B
DNC
DNC
IP
PV1
L1
PG1
DNC
DNC
DNC
PVDD
GPIO10
NGATE2
VP2
C
L4
PG4
FB4
DNC
LINEDCD
C
FB1
GND
GND
AUX4
GPIO11
PGND
PG3
L2
D
PV4
BATT
HIVDD
N/A
N/A
N/A
N/A
N/A
N/A
N/A
FB3
PV3
L3
E
BATT
BATT
WALLFB
N/A
N/A
N/A
N/A
N/A
N/A
N/A
ISINKA
DNC
SINKGND
F
LINE
LINE
LINE
N/A
N/A
GND
GND
GND
N/A
N/A
VOUT4
LDOVDD
VINB
G
USB
USB
USB
N/A
N/A
GND
GND
GND
N/A
N/A
VOUT2
VOUT3
VINA
H
VRTC
LINEINT
CREF
N/A
N/A
GND
GND
GND
N/A
N/A
AUX1
VOUT1
AUX3
J
CONF0
X1
RREF
N/A
N/A
N/A
N/A
N/A
N/A
N/A
OUT1R
HPCOM
AUX2
K
CONF1
ON
X2
N/A
N/A
N/A
N/A
N/A
N/A
N/A
OUT1L
OUT4
HPVDD
L
GPIO0
/RST
SW VRTC
IRQ
GPIO5
GPIO8
GPIO9
BCLK
LRCLK
IN3L
IN1LN
OUT3
HPGND
M
GPIO2
GPIO1
SDA
GPIO6
DGND
MCLK
ADCDATA
AVDD
IN3R
INL2
MICBIAS
OUT2R
OUT2L
N
GPIO3
SCL
GPIO4
GPIO7
DCVDD
DBVDD
DACDATA REFGND
VMID
IN1LP
INR2
IN1RP
IN1RN
7mm x 7m m BGA1Z
Notes:
Pin names beginning with a lower-case "n" indicate that the pin is active low.
Colour coding indicates function of pins in typical usage:
DC-DC converters
LDO voltage regulators
Power m anagement functions
Analogue pins for audio codec
Digital pins for audio codec
Quiet ground
Others
2
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8351CGEB/V
-25
C to +85C
129-ball BGA (7 x 7 mm)
(Pb-free)
MSL3
260
oC
WM8351CGEB/RV
-25
C to +85C
129-ball BGA (7 x 7 mm)
(Pb-free, tape and reel)
MSL3
260
oC
Note:
Reel quantity = 2,200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com