Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
10
3
PIN DESCRIPTION
Notes:
Pins are listed in alphabetical order by name.
NAME
LOCATION(S)
TYPE
POWER
DOMAIN
DESCRIPTION
ADCDATA
M7
Digital Output
DBVDD
Digital audio output (typically from on-chip audio ADC to
external IC)
AUX1
H11
Analogue Input
LINE
Auxiliary ADC input AUX1
(Special function for connection to temperature-sensing
NTC resistor in battery pack)
AUX2
J13
Analogue Input
LINE
Auxiliary ADC input AUX2
AUX3
H13
Analogue Input
LINE
Auxiliary ADC input AUX3
AUX4
C9
Analogue Input
LINE
Auxiliary ADC input AUX4
AVDD
M8
Supply
Analogue supply for audio CODEC
BATT
E1, E2, D2
Analogue I/O
Main battery power connection (can draw power or
charge battery)
BCLK
L8
Digital I/O
DBVDD
Bit clock signal for digital audio interface
CREF
H3
Analogue Output
VRTC
Decoupling for VREF reference voltage (connect
capacitor here)
CONF0
J1
Digital Input
VRTC
Start-up configuration pin 0
CONF1
K1
Digital Input
VRTC
Start-up configuration pin 1
DACDATA
N7
Digital Input
DBVDD
Digital audio input (typically from external IC to on-chip
audio DAC)
DCVDD
N5
Supply
Digital core supply; powers digital core of audio CODEC
DBVDD
N6
Supply
Digital I/O buffer supply; powers digital audio interface,
control interface and pins GPIO4 to GPIO9
DGND
M5
Supply
Digital ground; return path for DCVDD and DBVDD
supplies
FB1
C6
Analogue Input
PV1
DC-DC1 feedback pin
FB2
A12
Analogue Input
VP2
DC-DC2 feedback pin
FB3
D11
Analogue Input
PV3
DC-DC3 feedback pin
FB4
C3
Analogue Input
PV4
DC-DC4 feedback pin
GND
F6, F7, F8, G6,
G7, G8, H6, H7
H8, C7, C8
Supply
Quiet ground connection for audio CODEC.
Note that DC-DC Converters use a separate ground
connection.
GPIO0
L1
Digital I/O
VRTC
General Purpose Input/Output pin 0
GPIO1
M2
Digital I/O
VRTC
General Purpose Input/Output pin 1
GPIO2
M1
Digital I/O
VRTC
General Purpose Input/Output pin 2
GPIO3
N1
Digital I/O
VRTC
General Purpose Input/Output pin 3
GPIO4
N3
Digital I/O
DBVDD
General Purpose Input/Output pin 4
GPIO5
L5
Digital I/O
DBVDD
General Purpose Input/Output pin 5
GPIO6
M4
Digital I/O
DBVDD
General Purpose Input/Output pin 6
GPIO7
N4
Digital I/O
DBVDD
General Purpose Input/Output pin 7
GPIO8
L6
Digital I/O
DBVDD
General Purpose Input/Output pin 8
GPIO9
L7
Digital I/O
DBVDD
General Purpose Input/Output pin 9
GPIO10
B11
Digital I/O
LINE
General Purpose Input/Output pin 10
GPIO11
C10
Digital I/O
LINE
General Purpose Input/Output pin 11
GPIO12
A11
Digital I/O
LINE
General Purpose Input/ Output pin 12
HIVDD
D3
Analogue Output
Analogue output from power management unit which
determines highest supply from Line, Battery or USB.
HPCOM
J12
Analogue Input
HPVDD
Headphone output amplifier noise compensation input
HPGND
L13
Supply
HPVDD
Headphone ground; return path for HPVDD supply
HPVDD
K13
Supply
Headphone supply – powers the analogue outputs
OUT1L, OUT1R, OUT2L, OUT2R, OUT3 and OUT4
IN1LN
L11
Analogue Input
AVDD
Inverting input for left microphone channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com