Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
88
13.9.4
OUT3 AND OUT4
The additional analogue outputs OUT3 and OUT4 have independent mixers and can be used in a
number of different ways:
OUT3 and OUT4 as a stereo pair (OUT3 = left, OUT4 = right) to drive a headphone or line load
OUT3 or OUT4 as pseudo-ground outputs for headphones connected directly (without DC
blocking capacitors) to OUT1L/OUT1R or OUT2L/OUT2R
OUT4 as a mono mix of left and right signals
The OUT3 and OUT4 output stages are powered from HPVDD and HPGND.
If OUT4 is providing a mono mix, it is recommended to reduce the level of OUT4 by 6dB to avoid
clipping in the event of 2 full-scale signals being combined. This is implemented via the OUT4_ATT
register field. When OUT4_ATT is asserted, then OUT4 = (L+R) / 2.
DACR_TO_OUT4, R93[12]
MIXINR_TO_OUT4, R93[9]
Right DAC output
Right output mixer
MIXOUTR_TO_OUT4, R93[1]
Right input mixer
DACL_TO_OUT4, R93[11]
Left DAC output
OUT4
MIXER
Left output mixer
MIXOUTL_TO_OUT4, R93[0]
DACL_TO_OUT3, R92[11]
MIXINL_TO_OUT3, R92[8]
Left DAC output
Left output mixer
MIXOUTL_TO_OUT3, R92[0]
Left input mixer
OUT4_TO_OUT3, R92[3]
OUT3
MIXER
OUT3_2OUT4, R93[2]
-1
-1
OUT3
OUT4
1/2
OUT4_ATTN,
R93[10]
Figure 49 OUT 3 and OUT4 Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com