Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
75
13.7.1
DAC PLAYBACK VOLUME CONTROL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R50 (32h)
DAC Digital
Volume Left
8
DAC_VU
0
DAC left and DAC right volume do not
update until a 1 is written to either
DAC_VU register bit.
7:0
DACL_VOL
[7:0]
1100_0000
Left DAC digital volume control:
0000_0000 = Digital mute
0000_0001 = -71.625dB
0000_0010 = -71.25dB
… (0.375dB steps)
1100_000 = 0dB
R51 (33h)
DAC Digital
Volume Right
8
DAC_VU
0
DAC left and DAC right volume do not
update until a 1 is written to either
DAC_VU register bit.
7:0
DACR_VOL
[7:0]
1100_0000
Right DAC digital volume control:
0000_0000 = Digital mute
0000_0001 = -71.625dB
0000_0010 = -71.25dB
… (0.375dB steps)
1100_000 = 0dB
Table 32 DAC Volume Control
13.7.2
DAC SOFT MUTE AND SOFT UN-MUTE
The WM8351 has a soft mute function which, when enabled, gradually attenuates the volume of the
DAC output. When soft mute is disabled, the gain will either gradually ramp back up to the digital gain
setting, or return instantly to the digital gain setting, depending on the DAC_MUTEMODE register bit.
The DAC is soft-muted by default (DAC_MUTE = 1). To play back an audio signal, this function must
first be disabled by setting DAC_MUTE to 0.
Soft Mute Mode would typically be enabled (DAC_MUTEMODE = 1) when using DAC_MUTE during
playback of audio data so that when DAC_MUTE is subsequently disabled, the sudden volume
increase will not create pop noise by jumping immediately to the previous volume level (e.g. resuming
playback after pausing during a track).
Soft Mute Mode would typically be disabled (DAC_MUTEMODE = 0) when un-muting at the start of a
music file, in order that the first part of the track is not attenuated (e.g. when starting playback of a
new track, or resuming playback after pausing between tracks).
DAC muting and un-muting using
volume control bits DACL_VOL and
DACR_VOL.
DAC muting and un-muting using soft
mute bit DAC_MUTE. Soft un-mute not
enabled (DAC_MUTEMODE = 0).
DAC muting and un-muting using soft
mute bit DAC_MUTE. Soft un-mute
enabled (DAC_MUTEMODE = 1).
Figure 42 DAC Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com