Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 243 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 243 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 239Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 240Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 241Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 242Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 243Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 247Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
243
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
IM_WKUP_GP_PWR_ON_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
1
IM_WKUP_ONKEY_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
0
IM_WKUP_GP_WAKEUP_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
Register 27h
Comparator Interrupt Status Mask
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R40 (28h)
Clock
Control 1
15
TOCLK_ENA
0
Slow clock enable. Used for both the jack insert
detect debounce circuit and the zero cross timeout.
0 = slow clock disabled
1 = slow clock enabled
14
TOCLK_RATE
0
Slow Clock Selection (Used for volume update
timeouts and for jack detect debounce)
0 = SYSCLK / 2^21 (Slower Response)
1 = SYSCLK / 2^19 (Faster Response)
11
MCLK_SEL
0
Selects source for SYSCLK to CODEC
0 = MCLK pin
1 = FLL
8
MCLK_DIV
0
Selects MCLK division in slave (MCLK input) mode:
0 = divide MCLK by 1
1 = divide MCLK by 2
7:4
BCLK_DIV[3:0]
0100
Sets BCLK rate for Master mode
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0101 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 = SYSCLK / 32
1110 = SYSCLK / 32
1111 = SYSCLK / 32
2:0
OPCLK_DIV[2:0]
000
OPCLK Frequency (GPIO function)
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com