Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 22 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 22 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 18Page - ITT Industries 22017-2 Datasheet HTML 19Page - ITT Industries 22017-2 Datasheet HTML 20Page - ITT Industries 22017-2 Datasheet HTML 21Page - ITT Industries 22017-2 Datasheet HTML 22Page - ITT Industries 22017-2 Datasheet HTML 23Page - ITT Industries 22017-2 Datasheet HTML 24Page - ITT Industries 22017-2 Datasheet HTML 25Page - ITT Industries 22017-2 Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
ARINC 600
BKAD/E/F
ARINC 600 Connector Engaging Sequence
22
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Mating
Sequence
Flange
Position With:
No Engagement
PLUG
RECEPTACLE
#22
#22
#12
#16
#20
MIN
COAX
(SHELLS FULLY MATED)
(NO ENGAGEMENT)
(RACK SIDE)
1. Varies; See Mil-Spec. (#5 Coax)
2. Size 1 only.
3. Flush head screws are not permitted for connector mounting
as they would position connector incorrectly.
4. Dimension 7 was calculated to provide clearance for
- MCU backplate mat'l thickness of 2.5 mm (.10 in).
- Rack backplate mat'l thickness of 2.5 mm (.10 in).
- Connector mounting pan head screws, MCU 2.0 mm (.08 in).
- Tolerance allowance - 3.2 mm (.13 in.) rack 2.0 mm (.08 in.)
Total - 12.2 (.50 in) (minimum).
(BOX SIDE)
NOTES:
1.245 (31.62)
Nom.
1.110 (28.19)
1.073 (27.25)
1.073 (27.25)
1.023 (25.88)
.800 (22.32)
.748 (18.99)
.805 (20.44)
.741 (18.82)
1.012 (25.70)
.949 (24.10)
1.008 (23.60)
.953 (24.20)
.642 (16.30)
.547 (13.89)
.649 (16.48)
.553 (14.04)
.728 (18.49)
.818 (20.77)
.772 (19.60)
.692 (17.57)
.618 (15.70)
.578 (14.68)
.522 (13.26)
.488 (12.40)
Shells Initially
Engaged
Polarizing Pins
Entering Keys
Contacts Entering
Mating Insulator
#22
#20
#16
#12
Miniature Coax
Miniature Coax
"0" Ring Engagement
(BKAE Only)
Shells Fully
Mated
Contacts Electrically
Engaged
#22
#20
#16
#12
Flange Spacing
in. (mm)
1
1
1
2
2
2
3
4
5
7
1
1
A
E
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com