Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 44 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 44 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 40Page - ITT Industries 22017-2 Datasheet HTML 41Page - ITT Industries 22017-2 Datasheet HTML 42Page - ITT Industries 22017-2 Datasheet HTML 43Page - ITT Industries 22017-2 Datasheet HTML 44Page - ITT Industries 22017-2 Datasheet HTML 45Page - ITT Industries 22017-2 Datasheet HTML 46Page - ITT Industries 22017-2 Datasheet HTML 47Page - ITT Industries 22017-2 Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
DPXA/DPXB
DPX2
SERIES PREFIX
SHELL STYLE
CLASS
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION
POLARIZING POSITION
LESS CONTACTS*
SERIES PREFIX
TWO GANG SHELL
CLASS
CONTACT ARRANGEMENT
(Side A)
CONTACT TYPE
CONTACT ARRANGEMENT
(Side B)
CONTACT TYPE
SHELL TYPE
SHELL STYLE
MODIFICATION NUMBER
POLARZING POSITION
LESS CONTACTS*
DPX
DPX
DPX
DPX
DPX
- 34
- 33
P
S
- 1
- 00
01
- F0
32C2
67
A
B
MA -
- 00 01
- 03 01
- 02 01
2
2
2
P
P
P
B
A
B
P
P
P
MA
MA
- F0
57
57
57
- 33
- 33
- 34
- 57
- 57
- 57
SERIES PREFIX
DPX - ITT designation
CONTACT ARRANGEMENT
SHELL STYLE
MODIFICATION
POLARIZING POSITION
CONTACT TYPE
SHELL TYPE
2 thru 106 (see pages 52-56)
No designator - original two-gang DPX
A - ARINC A shell
B - ARINC B shell
See pages 68-71
See pages 71-72
SERIES PREFIX
SHELL
CLASS
DPX - ITT Cannon designation
2 - Two gang
No designator - Solder type
MA - Crimp type with LITTLE CAESAR contact
P for pin; S for socket
33 for plug; 34 for receptacle
2 thru 106 (see pages 52-56)
33 for plug; 34 for receptacle
P for pin: S for socket
DPXA - See page 68-71
DPXB - See pages 68-71
For DPXB shell style only
A - Single shell
B - Polarized ARINC shell
No designator - Solder type
MA - Crimp type with LITTLE CAESAR contact
assembly
ME - Environmental crimp type
MB - Wire seperator
MK - Mounting springs
SHELL STYLE
CLASS
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION
POLARIZING POSTION
RoHS
R
R - RoHS compatible
RoHS version
RoHS
R
RoHS
R - RoHS compatible
ARINC 404
DPX
How to Order
44
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com