Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 76 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 76 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 72Page - ITT Industries 22017-2 Datasheet HTML 73Page - ITT Industries 22017-2 Datasheet HTML 74Page - ITT Industries 22017-2 Datasheet HTML 75Page - ITT Industries 22017-2 Datasheet HTML 76Page - ITT Industries 22017-2 Datasheet HTML 77Page - ITT Industries 22017-2 Datasheet HTML 78Page - ITT Industries 22017-2 Datasheet HTML 79Page - ITT Industries 22017-2 Datasheet HTML 80Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
ARINC 404
DPX Accessories
Coaxial Cable Reference Guide
76
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
For BKA* DPX Series (Crimp, & Solder)
Refernece MIL-C-17D & DPX NE/NA MIL-C-81659 Series
RG/U
Type
7
9
55
58
59
59B
62
62A
71
115
142
142B
174
178
179
179B
180
180B
187
188
195
196
214
223
225
316
393
400
402
Inner
Conductor
0.0359 "
0.0855"
0.0320 "
0.0320"BC
0.0253 "
0.0230"
0.0253"
0.0253"
0.0253"
0.0840"
0.0359"
0.0390"
0.0189"
0.0120"
0.0120 "
0.0120"
0.0120"
0.0120"
0.0120"
0.0201"
0.0120"
0.0120'
0.0888"
0.035 "
0.0936"
0.0201
0.0936"
0.0385"
0.0360"
Dielectric
Material
Air-space
PE
PE
PE
PE
PE
PE
Air-space
PE
Air-space
PE
Air-space
PE
PTFE
PTFE
PTFE
PE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PE
pE
PTFE
PTFE
PTFE
PTFE
PTFE
DOD
(Inch)
0.250
0.280
0.116
0.116
0.146
0.146
0.146
0.146
0.146
0.250
0.116
0.116
0.060
0.036
0,057
0.063
0.103
0.102
0.060
0.060
0.102
0.034
0.285
0.116
0.285
0.060
0.285
0.116
0.119
O.D
(Inch)
0.370
0.420
0.206
Max.
0.195
0.242
0.242
0,242
0.242
0.250
Max.
0.375
0.206
Max.
0.195
0.100
0.079
Max.
0.094
Max.
0.100
0.141
Max.
0.145
Max.
0.110
Max .
0.110
Max.
0.155
Max.
0.080
Max.
0.425
0.216
Max.
0.430
0.102
0.390
0.195
0.141
Weight
(lbs/ft)
0.080
0.140
0.032
0.029
0.032
0.032
0.038
0.038
0.046
0.148
0.047
0.050
0.008
0.0054
0.010
0.010
0.019
0.019
0.010
0.011
0.020
0.006
0.126
0.034
0.180
0.012
0.165
0,050
0.032
Max Oper.
Temp, Range
( C)
-40 + 80
-40 + 80
-55 + 80
-40 + 80
-40 + 80
-40 + 80
-40 + 80
-40 + 80
-40 + 80
-55 + 250
-55 + 250
-55 + 200
-40 + 80
-40 + 150
-55 + 150
-55 + 200
-40 + 150
-55 + 200
-55 + 250
-55 + 250
-55 + 250
-55 + 250
-40 + 80
-40 + 80
-55 + 250
-55 + 200
-55 + 200
-55 + 200
-55 + 200
Max Oper.
Voltage
(Volts
RMS)
1,000
4,000
1,900
1,900
2,300
2,300
750
750
750
5,000
1,900
1,900
1,500
1,000
1,200
1,200
1,500
1,500
1,200
1,200
1,500
1,000
5,000
1,900
5,000
1,200
5,000
1,900
2.500
Suggested
Alt Cable
Use RG63B
Use RG214
Use RG55B
Use RG58B
Use RG59B
Use up to
1000 MHz
Use RG62A
Use RG71B
Use RG115A
Use RG142A
Use RG178B
Use RG1798
Use RG180B
Use RG179B
Use RG316
Use RG180B
Use RG178B
Use RG188A
Use RG225
Use RG142B
Code
Crimp
Type
Coax
S
D,P,G
JAC,AD
A,F,T
A,F,T
V
S,AE
D,H,U,
AF
ER,K,AG,
L,M,AF
D,H,U,
AF
CAB
AB
D,H,U,
AF
D,A,U
AF
CAB
E,R,K.
L,AA,AG
Code
Solder
Type
Coax
l
R,AC
C, J
C, J, Z
AB
D
E
E
B
A,K
A,K
B
AA
R,AC
C,J
DPX
NE/NA
Military
Size 5/9
Seal 1
Size 5/9
Seal 1
Size 5/9
Seal 2
Size 5/9
Seal 1
Size 5/9
Seal 1
Seal 2
Size 5/9
Seal 1
Size 5/9
Seal 1
Size 5/9
Seal 2
Size 5/9
Seal 2
BKA*
ARINC
Type Coax
Size 1(71W1)
Size 1(71W1)
Size 1(71W1)
Size 5
Size 1(71W1)
Size 1(71W1)
Size 1(71W1A)
Size 1(71W1A)
Size 5
Size 5
Size 12
Size 5
Size 5
Size 5
Size 5
Size 5
Size 5
Size 5
Size 5
Size 1(71W1)
Size 1(71W1A)
Size 1(71W1)
Size 1(71W1A)
Size 1(71W1)
Size 1(71W1)
Size 1(71W1A)
Jacket
Material
PVC
PVC
PE
PVC
PVC
PVC
PVC
PVC
PVC
FG Braid
FG Braid
FEP
PVC
KEL-F
KEL-F
FEP
KEL-F
FEP
PTFE
PTFE
PTFE
PTFE
PVC
PVC
FG Braid
FEP
FEP
FEP
None
NOTE: This table is shown for reference only. ITT Cannon recommends that the above information be used as a guideline and may be subject to variation between
various cable manufacturers. For specific information concerning the actual physical characteristics of a specific cable, contact the manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com