Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 45 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 45 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 41Page - ITT Industries 22017-2 Datasheet HTML 42Page - ITT Industries 22017-2 Datasheet HTML 43Page - ITT Industries 22017-2 Datasheet HTML 44Page - ITT Industries 22017-2 Datasheet HTML 45Page - ITT Industries 22017-2 Datasheet HTML 46Page - ITT Industries 22017-2 Datasheet HTML 47Page - ITT Industries 22017-2 Datasheet HTML 48Page - ITT Industries 22017-2 Datasheet HTML 49Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
DPX3/DPX4
DPXMA/ME
DPXMA/DPXME - 0PX - 3 Shell Layouts
DPXMA/DPXME - 0PX - 4 Shell Layouts
SERIES PREFIX
SHELL
CLASS
CONTACT ARRANGEMENT
(Side A)
CONTACT TYPE
CONTACT ARRANGEMENT
(Side B)
CONTACT TYPE
CONTACT ARRANGEMENT
(Side C)
CONTACT TYPE
CONTACT ARRANGEMENT
(Side 0)
CONTACT TYPE
SHELL TYPE
MODIFICATION NUMBER
POLARIZING POSITION
**CONTACT TYPE
P for pin; S for socket. Designation follows each
arrangement as ordered for 3 or 4 gang versions.
SHELL TYPE
33 for plug; 34 for receptacle
MODIFICATION See pages 68-71
POLARIZING POSITION See pages 71-72
Layout
*E24
*F122
G122
*E142
*A166
171
201
*C205
B240
C240
*D244
A279
A318
*Applicable to "ME" only. Consult factory for similar layouts application to "MA."
NOTE: For pictorial views of above layouts see pages 52-56.
W8
AW8
A,B,C
A,B
B
C
MA:
ME:
32W4
A32W4
C
C
C
Insert - Used in shell position as noted
67
67
A,B
A,B
A,B,C
A
A,C
A,B
C
A106
A106
C
B
B
C
A,B
A,B
A,B,C
57
57
A,C
A,B,C
Layout
145
*B148
B150
*181
*B189
*A198
268
*E287
*220
*A233
279
*F287
*E326
A346
B346
385
A424
W8
AW8
C,D
A,B
B
C,D
D
B
B
B
MA:
ME:
32W4
A32W4
C,D
A
26
26
A,B,C
B
Insert - Used in shell position as noted
67
67
D
C,D
A
B
A,B
A,B,C,D
B
B,C,D
A
A
C,D
A,B
A
A106
A106
A
C
A
A,C
C,D
C,D
C,D
A,C,D
A,B
C,D
B,C,D
A,B,C,D
None
None
D
A
B
57
57
A,C
A,B,C
DPX
3
ME - 57
P - 57
P
- 57
P
- 34
- 00 01
DPX
4
ME - 57
P - 57
P
- 57
P
- 57
P
- 34
- 00 01
SERIES PREFIX
DPX - ITT designation
SHELL
3 - Three gang
4 - Four gang
CLASS
MA - Crimp type contacts in LITTLE CAESAR
contact assembly
ME - Environment- resistant, crimp type contacts
*CONTACT ARRANGEMENT
See pages 52-56 for applicable arrangements.
Please specify each arrangement number as in-
dicated in ordering nomenclature for 3 or 4 gang if
not listed below.
ARINC 404
DPX
How to Order
45
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com