Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 88 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 88 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 84Page - ITT Industries 22017-2 Datasheet HTML 85Page - ITT Industries 22017-2 Datasheet HTML 86Page - ITT Industries 22017-2 Datasheet HTML 87Page - ITT Industries 22017-2 Datasheet HTML 88Page - ITT Industries 22017-2 Datasheet HTML 89Page - ITT Industries 22017-2 Datasheet HTML 90Page - ITT Industries 22017-2 Datasheet HTML 91Page - ITT Industries 22017-2 Datasheet HTML 92Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
MIL-C-83733
DPK
Polarization (Mounting Style A only)
88
www.ittcannon.com
Dimensions shown in inch (mm)
Standard Contacts
Coaxial/Shielded Contacts
Polarizing Post Alternate Positions
Pin inserts polarizing postitions are 180 opposite
socket insert polarizing positions. Shaded areas
indicate extended portion of the polarizing post.
Cord to panel DPK connectors are available in 35
alternate polarizing positions by changing indexing
of the polarizing posts. Keystone corners and hexa-
gonal posts provide this wide range of alternate
positions.
Face view of socket insert plug connector engaging
end.
N
V
W
YZ
X
Contact
Size
12
Pin
Skt.
030-9185-003
031-9186-003
030-9205-007
031-9206-006
030-9173-006
031-9174-004
030 -1975-008
031-1113-008
030-2042-000
031-1147-000
249-5500-012
249-5500-013
.122 (3.10)
.250 (6.35)
.122/250
RG-316
CCTC8 Outer
M22520/2-01
M22520/2-30
CET-C8
CET-C8
225-0085-00
(White)
CCTC9 Outer
M22520/2-01
M22520/2-30
500 VDC
500 VDC
RG-180/U
RG-179U
249-5500-010
249-5500-011
Pin
Socket
249-1825-001
249-1826-000
M39029/50-340
M39029/51-341
.081 (2.06)
.158 (4.01)
.M22520/5-01
Outer
M22520/2-01
Inner
.M22520/5-08
Outer
M22520/2-30
Inner
CIET - 12
225-0072-000
(Yellow)
M39029/4-113
M39029/5-118
MIL-I-81969/14-04225-0072-000
(Yellow)
225-0071-000
(Blue)
225-0070-000
(Red)
225-1013-000
(Black)
MIL-I-81969/14-03
MIL-I-81969/14-11
MIL-I-81969/14-01
MIL-I-81969/14-01
M22520/1-01
with
M22520/1-02
Turret
M22520/2-01
with
M22520/2-02
Turret
M22520/2-01
with
M22520/2-23
Turret
M22520/2-01
with
M22520/2-06
(Socket)
Turret
M22520/2-09
(Pin)
Turret
M39029/4-111
M39029/5-116
M39029/4-110
M39029/5-115
M39039/11-144
M39029/12-148
M39029/58-360
M39029/57-354
Pin
Skt.
Pin
Skt.
Pin
Skt.
Pin
Skt.
16
20
22
22D
Cannon
Part Number
MIL-C-39029
Military
Part Number
Insertion/
Extraction
Tool
Grommet
Sealing Plug
Part Number
(Color)
Crimp
Tool
Type
Type
Coaxial
Coaxial
Contacts*
59W7
Arrangement
Only
1
Size 12
Contact
71C15
Layout
Only
*Pin shielded contacts utilized in receptacle connectors (71C15P inserts).
Socket shielded contacts utilized in plug connectors (71C15S inserts).
*Plug coaxials go into plug connectors (59W7S inserts with socket contacts). Receptacle coaxials go into receptacle connectors ("P" inserts) with pin contacts (59W7P inserts with pin contacts).
Plug
Receptacle
G
G
F
F
Plug
Receptacle
Prefix
Cannon
Part Number
Cable
Accom.
DWV
Voltage
Min./Max.
O.D. Wire
Accom.
Crimp
Tool
Ins./
Ext.
Tool
Grommet
Sealing Plug
Part Number
(Color)
Type
Coaxial
Cannon
Part Number
MIL-C-39029
Part Number
Cable
Accom.
Min./Max
Cable Dia.
Crimp
Tool
Locator
Ins./
Ext.
Tool
Grommet
Sealing Plug
Part Number
(Color)
Contact Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com