Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 81 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 81 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 77Page - ITT Industries 22017-2 Datasheet HTML 78Page - ITT Industries 22017-2 Datasheet HTML 79Page - ITT Industries 22017-2 Datasheet HTML 80Page - ITT Industries 22017-2 Datasheet HTML 81Page - ITT Industries 22017-2 Datasheet HTML 82Page - ITT Industries 22017-2 Datasheet HTML 83Page - ITT Industries 22017-2 Datasheet HTML 84Page - ITT Industries 22017-2 Datasheet HTML 85Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
MIL-C-83733
DPK
Weights
81
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The following are weights for DPK connector assemblies, mounting hardware, contacts, and sealing plugs.
All connector weights are listed less contacts (FO) and mounting hardware. The total connector weight is
obtained by adding mounting hardware, contacts, and sealing plugs weight to the connector assembly
weight.
Example:
DPKB-101SK-7 (with 90 contacts and 11 sealing plugs)
Weight
Pounds
Maximum Weight
Lbs.
Grams
Weight
Grams
DPKB-101SG-7-FO
Type K Spring Mount
90 Number 20 Socket Contacts
11 Number 20 Sealing Plugs
Maximum Connector Weight
.2332
.0825
.0639
.0020
.3816
105.78
37.42
28.98
.88
173.06
Part Numbet
(Description)
DPKA-18PG-7-F0
DPKA- 18SG-7-F0
DPKA-32PG-7-F0
DPKA-18SG-7-F0
DPKA-51PG-7-F0
DPKA-51SG-7-F0
DPKA-G131PG-7-F0
DPKA-G131SG-7-F0
DPKB-48PG-7-F0
DPKB-48SG-7-F0
DPKB-59W7PG-7-F0
DPKB-59W7SG-7-F0
DPKB-64PG-7-F0
DPKB-64SG-7-F0
DPKB- 71PG-7-F0
DPKB-71SG-7-F0
DPKB-71C15PG-7-F0
DPKB-71C15SG-7-F0
DPKB-78PG-7-F0
DPKB-78SG-7-F0
DPKB-101PG-7-F0
DPKB-101SG-7-F0
DPKB-G185PG-7-F0
DPKB-G185SG-7-F0
.1474
.1496
.1496
.1518
.1529
.1551
.1045
.1077
.2398
.2486
.2354
.2442
.2354
.2442
.2288
.2332
.2288
.2332
.2266
.2288
.2288
.2332
.1628
.1650
66.86
67.86
67.86
68.86
69.35
70.35
47.40
48.85
108.77
112.76
106.78
110.78
106.78
110.78
103.78
105.78
103.78
105.78
102.78
103.78
103.78
105.78
73.85
74.85
1.353
1.318
.611
.664
.280
.322
.093
.111
.943
1.168
1.910
2.948
2.750
37.42
.325
5.350
#12 Pin, 030-9185-003
#12 Skt, 030-9186-003
#16 Pin, 030-9205-007
#16 Skt, 030-9206-006
#20 Pin. 030-9173-006
#20 Skt, 031-9174-004
#22D Pin, 030-2042-000
#22D Skt, 031-1147-000
#12 Shielded Pin, 249-1825-001
#12 Shielded Skt, 249-1826-000
#8 Coaxial Pin, 59W7 Layout
#8 Coaxial Skt, 59W7 Layout
Type C Bushing, 012-0515-000 (4 reqd)
Type K Spring Mtg Captive (non-rotate)
Type F Nut (4 reqd)
Type G Spring Mtg 231-0019-000 (4 reqd)
.00298
.00291
.00135
.00146
.00062
.00071
.00021
.00025
.00206
.00258
.00420
.00650
.00606
.08250
.00072
.01180
Size 22; 225-1013-000
Size 20; 225-0070-000
Size 16; 225-0071-000
Size 12; 225-0072-000
SEALING PLUGS
.00006
.00018
.00036
.00064
.027
.080
.163
.291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com