| Electronic Components Datasheet Search |
|
22017-2 Datasheet(PDF) 94 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 Datasheet(HTML) 94 Page - ITT Industries |
|
94 / 120 page ![]() DPA-Miniature Rack/Panel DPAL - Large Flange Shells DPAMA - Little CAESAR' Contact Assembly DPAF - Float Mount Shells Shell DPA/DPAF/DPAL SERIES PREFIX DPA DPA DPA 24C2 32 32 34 P 34 P 33 S - - - - - * - - - CLASS CONTACT ARRANGEMENT SHELL TYPE CONTACT TYPE MOUNTING HOLE STYLE MODIFIER RoHS version R - RoHS compatible CONTACT ARRANGEMENT F - Float mount shell L - Large flange shell MA - LITTLE CAESAR contact assembly with crimp, snap in contacts No Dash A B C E F G H J No Dash A B C D E F G H - .093 (2.36) Dia. - .093 (2.36) Dia., countersunk 82 to .173 (4.39) Dia. - .120 (3.05) Dia., countersunk 100 to .225 (5.72) Dia. - .093 (2.36) Dia., countersunk 100 to - .182 (4.62) Dia. - .120 (3.05) Dia. - .100 (2.54) Dia. - .120 (3.05) Dia., countersunk 82 to .203 (5.16) Dia. - Tapped #4-40 NC-2 - .093 (2.36) Dia., countersunk 100 to .192 (4.88) Dia. - .093 (2.36) Dia., countersunk 82 to .173 (4.39) Dia. - .093 (2.36) Dia. - .120 (3.05) Dia,. countersunk 100 to .225 (5.72) Dia. - .093 (2.36) Dia., countersunk 100 to .182 (4.62) Dia. - .136 (3.45) Dia. - .120 (3.05) Dia. - .100 (2.54) Dia. - .120 (3.05) Dia., countersunk 82 to .203 (5.16) Dia. - Tapped #4-40 NC-2 33 for plug, 34 for receptacle P - Pin S - Socket Arrangements with coax contacts, such as 24C2, may be ordered without coax contacts by substituting a "W" for teh "C" e.g., DPA-24C2-34P with two coax contacts becomes DPA-24W2-34P with two cavities. The customer can then order separately any snap in coax contact shown on page 99. The customer is thus able to "create" arrangements with infinite combinations of coax contacts. Add FO to order connector less contacts. Consult factory for other modifications. MOUNTING HOLE STYLES DPA DPAMA MODIFIER SHELL TYPE CONTACT TYPE CLASS Material Finish Material Material Finish Termination Aluminum alloy Cadmium plate with yellow chromate Melamine Copper alloy Gold over copper alloy Solder pot Aluminum alloy Cadmium plate with yellow chromate Diallyl phthalate Copper alloy Gold over copper alloy Crimp DPAMA Insulator Contacts DPAF plugs are DPA plugs with four rivets with washers on the contact termination side of the connector. Floating rivets are .093 (2.36) I.D. with a minimum of .032 (0.81) float. DPA plugs are rugged, miniature rack/panel plugs utilizing maximum insert space in a one-piece shell. Polarization is accomplished with a keystone cor- nered shell and the coupling means is friction. Operating temperature for the DPA is - 55 C to + 125 C (-67 F to + 257 F) DPAMA plugs are DPA plugs with the proven LITTLE CAESAR contact assembly for rear insertion, re- lease and extraction of crimp type contacts. In- sertion requires no tool; extraction requires an expendable plastic tool. Hard dielectric, closed- entry socket insert has lead-in chamfers for positive mating of pin contacts. Contacts are of simpler, stronger design for greater resistance to bending or damge and are crimplable with the M22520/1-01 tool. DPAL plugs are DPA plugs with a large flange. RoHS MA R Miniature Rack and Panel DPA 94 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Material Specifications How to Order |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |