| Electronic Components Datasheet Search |
|
22017-2 Datasheet(PDF) 66 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 Datasheet(HTML) 66 Page - ITT Industries |
|
66 / 120 page ![]() DPXA Modifications Codes - 4. Mounting holes .120 (3.05) dia. c'sink 100˚ to .225 (5.72) dia. - 5. 4-40 clinch nuts. - 6. Removable insert retainer plate. - 7. Mounting holes .120 (3.05) dia. c'sink 82 to .230 (5.84) dia. -12. Mounting holes .132 (3.35)/.125 (3.18). -16. A106 insert with separator. -17. With grommet and mounting holes .120 (3.05) dia. countersunk 100˚ to .225 (5.72) dia. -70. Standard mounting with (LIF) contacts. -77. Same as -7 except with low insertion force (LIF) contacts (for LIF contact data). DPXB and DPX2/3/4 Modification Codes Some of the modification numbers used in the DPX only certain types. The following chart gives the type in which they may be used (-33 is for plug lines apply to all types and some are applicable for modification number, the description, and the shell shells, -34 is for receptacle shells). DPX2-33 and 34 DPX2-33A DPX2-33F and 34F DPX2-33M and 34M DPX2-34A DPX2-33B DPXB-33 DPX3-33 DPX4-33 DPX2-34B DPXB-34 DPX3-34 DPX4-34 DPX2-33 and 34 DPX2-33A DPX2-34A DPX2-33F and 34F DPX2-33M-34M DPX2-34B/33B DPXB-34 DPX3-34 DPX4-34 DPX2-33 and 34 DPX2-33A DPX2-34A DPX2-33F and 34F DPX2-33M and 34M DPX2-33B and 34B DPXB-33 and 34 DPX3-33 and 34 DPX4-33 and 34 DPXBME-33 and 34 DPX2ME-33 and 34 DPX3ME-33 and 34 DPX4ME-33 and 34 DPX2-33 and 34 DPX2-33A DPX2-33F and 34F DPX2-33M and 34M DPXB-33 and 34 DPX3-33 and 34 DPX4-33 and 34 Standard construction, mounting holes .120 (3.05) dia. and with tabs for junction shells. Standard construction - six floating eyelets and tabs for junction shells, Standard construction, mounting holes .120 (3.05) dia. countersunk 82˚ to .230 (5.84) dia. - no tabs. Standard construction, mounting holes 120 (3.05) dia. - no tabs. Standard construction and with standard junction shells. With four #4-40 clinch nuts in mounting holes. With six #4-40 clinch nuts in mounting holes. With ten #440 clinch nuts in mounting holes. Standard construction and with 90˚ junction shells. Standard construction and with tabs for attaching junction shells. Standard construction and with tabs for attaching junction shells. Mounting holes .120 (3.05) dia. countersunk 100˚ to .230(5.84) dia. - 00** - 00 - 00 - 00 - 01 - 01 - 01 - 01 - 02 - 02 - 02 - 03 Modification DESCRIBES STANDARD CONNECTOR HOUSING #4-40 CLINCH NUTS #4-40 THREAD (2 TABS PER RETAINING PLATE) Applicable for all MA, ME, NA & NE Series Connectors. Applicable to NE Series also. MODIFICATION 00 MODIFICATION 01 MODIFICATION 02 ATTACHING TABS MODIFICATION 03 ALTERNATE STYLE Applicable Series Definition 1 1 1 1 1 2 1 1 1 MOUNTING HOLES .120 (3.05) DIA. C'SUNK 100 TO .230 (5.84) DIA. ARINC 404 DPX Modifications Codes 66 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |