Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 51 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 51 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 47Page - ITT Industries 22017-2 Datasheet HTML 48Page - ITT Industries 22017-2 Datasheet HTML 49Page - ITT Industries 22017-2 Datasheet HTML 50Page - ITT Industries 22017-2 Datasheet HTML 51Page - ITT Industries 22017-2 Datasheet HTML 52Page - ITT Industries 22017-2 Datasheet HTML 53Page - ITT Industries 22017-2 Datasheet HTML 54Page - ITT Industries 22017-2 Datasheet HTML 55Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 120 page
background image
26*
30C4
32
32C2*
40*
40C1*
45*
57*
67*
26
Contact
Arr.
Contact
Arr. No.
Contact
Numbers
Contact
Numbers
No. of
Contacts
PIN
SOCKET
No. of
Contacts
No. of
Contacts
& Wire Size
Test
Voltage
AC (RMS)
Contact
Type
Code
Contact
Type
Code
Same as Pin
1-26
1,6 14-26
2-5, 7-13
27-30
1,6 14-26
2-5, 7-13
27-30
1,6 14-26
2-5, 7-13
27-30
1,3,4,7-32
2,5,6
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
L
F
L
F
1-39
A1
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-40
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-45
1-57
1-2,6-65
3-5
L
M
L
L
L
A
L
AA
L
Z
L
C
L
K
L
B
L
L
AA
L
Z
L
B
L
A
L
K
L
M
L
M
A
L
M
AA
L
M
Z
M
26
15
11
4
15
11
4
15
11
4
29
3
30
2
30
2
30
2
30
2
30
2
30
2
40
39
1
39
1
39
1
39
1
39
1
39
1
45
45
L40C1
K40C1
J40C1
F40C1
A40C1
40C1
40
N32C2
M32C2
D32C2
C32C2
A32C2
32C2
32
C30C4
B30C4
A30C4
26
1500V
26 #16
15 #20.
11 #16,
4 coax
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A1
1
2
3
4
5
6
7
8
8
8
8
9
9
9
9
10
10
11
11
12
12
13
13
14
14
15
15
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
16
16
17
17
18
19
18
19
20
20
21
21
22
22
23
23
24
24
25
25
20
21
22
23
24
25
26
26
27
27
28
28
26
27
28
20
21
22
23
24
25
26
27
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
29
29
30
31
32
33
34
35
36
36
37
37
38
39
38
36
37
38
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
39
40
41
42
39
40
41
42
43
44
45
46
47
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
1
1
1
2
2
2
3
3
3
4
4
4
5
5
5
6
6
6
7
7
7
33
34
35
36
37
38
39
40
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
3 #16
29 #20
30 #20
2 coax
40 #20
39 #20
1 coax
45 #20
57 #20
64 #20
3 #16
1500 (2-5
& 7-13)V
1000 (1,6
& 14-26)V
2000
(1-6)
1500
(7-32)V
1500
(1-30)V
1000
(A1, A2)V
1500V
1500
(1-39)V
1000
(A1)V
1500V
1500V
1000V
57
64
3
67
57
L
C
30
2
39
1
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
30C4
32
32C2
40
40C1
45
57
67
NOTE: See pages 59-60 for Coaxial/Power Contact Termination Data
ARINC 404
DPX
Contact Arrangement Variations Solder Type (Captive Contacts)
51
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com