Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 100 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 100 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 96Page - ITT Industries 22017-2 Datasheet HTML 97Page - ITT Industries 22017-2 Datasheet HTML 98Page - ITT Industries 22017-2 Datasheet HTML 99Page - ITT Industries 22017-2 Datasheet HTML 100Page - ITT Industries 22017-2 Datasheet HTML 101Page - ITT Industries 22017-2 Datasheet HTML 102Page - ITT Industries 22017-2 Datasheet HTML 103Page - ITT Industries 22017-2 Datasheet HTML 104Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
DPGM/DPJM/DPJMB
Contact Arrangements
100
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
DPJM/DPJMB
DPGM
No. of Contacts & Wire Size
Test Voltage AC (RMS)
8 coax (1-8)
1000
16 #20 (5-20)
1500
4 COAX (1-4)
1000
21 #20 (1-21)
1500
21 COAX (#1-21)
1000
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
38
37
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
79
78
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
9
10
11
12
13
14
15
16
14
15
16
17
18
19
20
21
22
23
35
36
37
38
39
40
41
42
43
44
50
51
52
53
54
55
56
57
58
59
24
25
26
27
28
29
30
31
32
33
34
9
10
11
12
13
45
46
47
48
49
1
2
3
4
5
6
7
8
14
15
16
17
18
19
20
21
22
23
35
36
37
38
39
40
41
42
43
44
50
51
52
53
54
55
56
57
58
59
24
25
26
27
28
29
30
31
32
33
34
9
10
11
12
13
1
2
3
4
5
6
7
8
1
2
3
4
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
1
1
3
11
13
5
2
414
6
9
1
23
4
5
6
7
8
9
10
11
12
13
14
15
16
7
10
15
12
8
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
13
14
15
16
17
18
19
20
21
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
14
15
16
17
18
19
20
21
9
10
11
12
13
45
46
47
48
49
49 #20 (1-8,14-44 & 50-59)
1500
10 #12 (9-13 & 45-49)
1500
98 #20 (1-98)
1500
Current Carrying
Capacity of
Wires and Cables
Wire Size
#4
#8
#12
#16
#20
Amperage
80
46
23
13
7.5
49 #20 (1-8, 14-44&50-59)
1700
10 COAX (9-13&45-49)
1000
59C10*
98*†
59
32*
21*
20C4*
C8*
12*
15*
16*
C21*
32 #20 (1-32)
1500
12 #16 (1-12)
See note
15 #16 (1-15)
See note
5 #20 (3,6,10,11 & 16)
1500
9 #20 (1,4,5,7-9, 13-15)
1700
(2 #20 (2&12)
1500
No. of Contacts & Wire Size
Test Voltage AC (RMS)
No. of Contacts & Wire Size
Test Voltage AC (RMS)
No. of Contacts & Wire Size
Test Voltage AC (RMS)
All DPJM and DPJMB power contact arrangements have a 1500 VAC rms test volstage. Coaxials have 1000 VAC rms voltage.
Available with LITTLE CAESAR contact assembly (DPJMB).
*All DPGM arrangements have a 1500 VAC test voltage except for arrangements 12 and 15, which is 3200 VAC for contact 1,5,8 and 12. The remaining contacts have a 2200 VAC test
voltage. All coaxials have 1000 VAC rms test voltage.
*
†*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com