Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 110 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 110 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 106Page - ITT Industries 22017-2 Datasheet HTML 107Page - ITT Industries 22017-2 Datasheet HTML 108Page - ITT Industries 22017-2 Datasheet HTML 109Page - ITT Industries 22017-2 Datasheet HTML 110Page - ITT Industries 22017-2 Datasheet HTML 111Page - ITT Industries 22017-2 Datasheet HTML 112Page - ITT Industries 22017-2 Datasheet HTML 113Page - ITT Industries 22017-2 Datasheet HTML 114Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 120 page
background image
Coaxial
Type
Contact
Size
Wire
Size
Crimp Tool
Part Number
Extraction
Tool
Part Number
Layout/
Usage
Locator
Max.
Wire
Insul
O.D
Type
Part Number
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
Pin
Socket
030-9081-000
031-9134-001
030-9123-000
031-9203-002
030-9083-000
031-9206-003
030-1909-000
031-1059-000
030-1757-000
030-1758-000
030-9175-000
030-9176-000
030-1908-000
030-9201-003
.084
(2.13)
.084
(2.13)
.110
(2.79)
.150
(3.81)
.206
(5.23)
.250
(6.35)
.250
(6.35)
20-24
20-24
16-20
12-16
10-12
8-10
8-10
M22520/1-01
M22520/1-01
M22520/1-01
M22520/1-01
M22520/1-02
Blue
Blue
Yellow
CBT-600B
CCH-8-1
CCHP-8-6
-
Solder
Pot Type Only
CET 20-8
76,112,
A44
B28, 32C2,
40, A44,
F54,
45, 76
78
A44
F54
45
32C2
A44
CET 16-9
CET 16-15
CET 16-9
CET 16-15
CET 12-4
CET 10-1
CET 8-2
20
16-20
16
12
30A
(#10)
40A
(#8)
8
249-0365-000
249-0366-000
249-0399-000
249-0398-000
249-0409-000
249-0410-000
249-0228-000
249-0226-000
249-0229-000
249-0227-000
249-1365-000
249-1357-000
249-1333-000
249-1332-000
249-1264-000
249-1265-000
RG-7/U
RG-7/U
15C2
B20C2
23C2
32C2
AN14
AJ14
RG-195/U
RG-58/U
RG-59/U
RG-62/U
RG-59/U
RG-62/U
RG-59/U
RG-62/U
Part Number
Description
Cable
Layout/Usage
Crimp
R Coaxial
R Coaxial
Contact Rating
Cable Size
Test Voltage
R COAXIAL
R COAXIAL ADAPTER
R COAXIAL ADAPTER
REMOVABLES
Test Voltage
Test Voltage
Contact Rating
Contact Rating
Coaxial
Cable Size
Coaxial
Cable Size
10 amps
10 amps
1000 rms AC
The adapter is shown for reference only. It is furnished a
part of the complete coaxial contact assy.
1300 rms AC
1/8
X
RG-58/U
RG-59/U
RG-62/U
RG-58/U
.127 (3.23)
.157 (3.99)
.157 (3.99)
X Cable
Entry
10 amps
RG-7/U .250 (6.35) I.D.
1000 rms AC
10 amps
RG-7/U
1000 rms AC
Pin
249-0365-000
Socket
249-0366-000
Pin
249-0399-000
RG-59/U; RG-62/U
Socket
249-0398-000
Pin
249-0409-000
Converts R Coaxial Cavity to hold #16, 14 and 8 amps
contact.
Contact Ratings
Wire Size
10 15 and 40 amps
16, 14 and 8
.125 (3.18)
.125 (3.18)
CABLE
ENTRY
Socket
249-0410-000
Pin
249-0228-000
Socket
249-0226-000
Pin
249-0229-000
Socket
249-0227-000
10 amps
RG-7/U
1000 rms AC
10 amps
#16
7500 rms AC
Hi Voltage contacts fit the coaxial cavitites. Must be
disassmebled in order to be soldered.
HV CONTACT
Contact Rating
Wire Size
Test Voltage
Plug, Straight
Receptacle, Straight
Plug, Straight
Receptacle, Straight
Plug, 90 Short
Receptacle, 90 Short
Plug, 90 Long
Receptacle, 90 Long
Plug, 90 Short
Receptacle, 90 Short
Plug, Solder
Receptacle, Solder
Plug, Solder
Receptacle, Solder
Plug, Crimp
Receptacle, Crimp
R Coaxial 90 (short)
Contact Rating
Cable Size
Test Voltage
R Coaxial 90 (short)
R Coaxial 90 (long)
Contact Rating
Cable Size
Test Voltage
DPD/DPDMA
Contact Data
110
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com