Electronic Components Datasheet Search
  English  ▼

X  

22017-2 Datasheet(PDF) 116 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 116 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 112Page - ITT Industries 22017-2 Datasheet HTML 113Page - ITT Industries 22017-2 Datasheet HTML 114Page - ITT Industries 22017-2 Datasheet HTML 115Page - ITT Industries 22017-2 Datasheet HTML 116Page - ITT Industries 22017-2 Datasheet HTML 117Page - ITT Industries 22017-2 Datasheet HTML 118Page - ITT Industries 22017-2 Datasheet HTML 119Page - ITT Industries 22017-2 Datasheet HTML 120Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
DPD/DPDMA
Accessories-DPD2
116
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
DPD2
19941-1
TWO MTG.
POSTS
TWO
RESILIENT
BUSHINGS
.526 DIA.
(13.36)
2.453 (62.30)
2.890 (73.40)
APPROX.
2.406
(61.11)
APPROX.
2.546
(64.67)
2.000
(50.80)
APPROX.
2.546 (64.86)
2.890 (73.41) APPROX.
1.062 (26.97)
MAX. CABLE
ENTRY
.468 (11.89)
.656
(16.66)
1.250 (31.75)
MAX. CABLE
ENTRY
1.250
(31.75)
4 SCREWS
#6 x 5/16
PAN. HD.
1.875
(47.62)
1.546
(39.27)
.250
(6.35)
TYP.
.171 R. TYP.
(4.34)
1.875
(47.62)
MAX.
CABLE
ENTRY
MAX.
CABLE
ENTRY
.500
(12.70)
2.500
(63.50)
2.453
(62.31)
TWO MTG.
POSTS
1.140
(28.96)
2.312
(58.72)
APPROX.
.875
(22.22)
MTG.
BRACKET
THREE
RESILIENT
BUSHINGS
THREE
RESILIENT
BUSHINGS
MOUNTING
BRACKET
4 SCREWS
#6 x 5/16 PAN. HD.
TYPE "2" M.S.
.656
(16.66)
1.546
(39.27)
1.875
(47.62)
MAX. CABLE
ENTRY
1.250 (31.75)
MAX. CABLE
ENTRY
.468 (11.89)
1.062
(26.98)
.781 (19.84)
DIA. MAX.
CABLE ENTRY
1.562
(39.68)
.703 (17.86)
1.140
(28.96)
1.187
(30.15)
1.453
(36.91)
DPD2
19941-2
DPD2
19941-3
DPD2
19941-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com