Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 8 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD73460 Datasheet HTML 4Page - Analog Devices AD73460 Datasheet HTML 5Page - Analog Devices AD73460 Datasheet HTML 6Page - Analog Devices AD73460 Datasheet HTML 7Page - Analog Devices AD73460 Datasheet HTML 8Page - Analog Devices AD73460 Datasheet HTML 9Page - Analog Devices AD73460 Datasheet HTML 10Page - Analog Devices AD73460 Datasheet HTML 11Page - Analog Devices AD73460 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. 0
AD73460
–8–
PIN FUNCTION DESCRIPTIONS
1
Mnemonic
Function
VINP1
Analog Input to the Positive Terminal of Input Channel 1.
VINN1
Analog Input to the Negative Terminal of Input Channel 1.
VINP2
Analog Input to the Positive Terminal of Input Channel 2.
VINN2
Analog Input to the Negative Terminal of Input Channel 2.
VINP3
Analog Input to the Positive Terminal of Input Channel 3.
VINN3
Analog Input to the Negative Terminal of Input Channel 3.
VINP4
Analog Input to the Positive Terminal of Input Channel 4.
VINN4
Analog Input to the Negative Terminal of Input Channel 4.
VINP5
Analog Input to the Positive Terminal of Input Channel 5.
VINN5
Analog Input to the Negative Terminal of Input Channel 5.
VINP6
Analog Input to the Positive Terminal of Input Channel 6.
VINN6
Analog Input to the Negative Terminal of Input Channel 6.
REFOUT
Buffered Reference Output, which has a nominal value of 1.25 V.
REFCAP
A Bypass Capacitor to AGND2 of 0.1
µF is required for the on-chip reference. The capacitor should be fixed
to this pin. This pin can be overdriven by an external reference if required.
AVDD
Analog Power Supply Connection
AGND
Analog Ground/Substrate Connection
DGND
Digital Ground/Substrate Connection
DVDD
Digital Power Supply Connection
ARESET
Active Low Reset Signal. This input resets the analog front end of the AD73460, resetting the control registers and
clearing the digital circuitry.
SCLK2
Output Serial Clock whose rate determines the serial transfer rate to/from the AFE. It is used to clock data or
control information to and from the serial port (SPORT2). The frequency of SCLK is equal to the frequency
of the master clock (MCLK) divided by an integer number—this integer number being the product of the
external master clock rate divider and the serial clock rate divider.
MCLK
Master Clock Input of the analog front end. MCLK is driven from an external clock signal.
SDO
Serial Data Output of the AD73460. Both data and control information may be output on this pin and are clocked
on the positive edge of SCLK2. SDO is in three-state when no information is being transmitted and when SE is low.
SDOFS
Framing Signal Output for SDO Serial Transfers. The frame sync is one bit wide and it is active one SCLK period
before the first bit (MSB) of each output word. SDOFS is referenced to the positive edge of SCLK2. SDOFS is in
three-state when SE is low.
SDIFS
Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and it is valid one SCLK period before
the first bit (MSB) of each input word. SDIFS is sampled on the negative edge of SCLK2 and is ignored when SE
is low.
SDI
Serial Data Input of the AD73460. Both data and control information may be input on this pin and are clocked on
the negative edge of SCLK2. SDI is ignored when SE is low.
SE
SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the output pins
of the SPORT are three-stated and the input pins are ignored. SCLK2 is also disabled internally in order to
decrease power dissipation. When SE is brought high, the control and data registers of the SPORT are
at their original values (before SE was brought low); however, the timing counters and other internal registers are
at their reset values.
RESET
(Input) Processor Reset Input
BR
(Input) Bus Request Input
BG
(Output) Bus Grant Output
BGH
(Output) Bus Grant Hung Output
DMS
(Output) Data Memory Select Output
PMS
(Output) Program Memory Select Output
IOMS
(Output) Memory Select Output
BMS
(Output) Byte Memory Select Output
CMS
(Output) Combined Memory Select Output
RD
(Output) Memory Read Enable Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com