Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 9 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD73460 Datasheet HTML 5Page - Analog Devices AD73460 Datasheet HTML 6Page - Analog Devices AD73460 Datasheet HTML 7Page - Analog Devices AD73460 Datasheet HTML 8Page - Analog Devices AD73460 Datasheet HTML 9Page - Analog Devices AD73460 Datasheet HTML 10Page - Analog Devices AD73460 Datasheet HTML 11Page - Analog Devices AD73460 Datasheet HTML 12Page - Analog Devices AD73460 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD73460
–9–
REV. 0
PIN FUNCTION DESCRIPTIONS
1 (continued)
Mnemonic
Function
WR
(Output) Memory Write Enable Output
IRQ2/
(Input) Edge- or Level-Sensitive Interrupt
PF7
(Input/Output) Request.
2 Programmable I/O Pin
IRQL0/
(Input) Level-Sensitive Interrupt Requests
2
PF6
(Input/Output) Programmable I/O Pin
IRQL1/
(Input) Level-Sensitive Interrupt Requests
2
PF5
(Input/Output) Programmable I/O Pin
IRQE/
(Input) Edge-Sensitive Interrupt Requests
2
PF4
(Input/Output) Programmable I/O Pin
Mode D/
(Input) Mode Select Input—Checked Only During RESET
PF3
(Input/Output) Programmable I/O Pin During Normal Operation
Mode C/
(Input) Mode Select Input—Checked Only During RESET
PF2
(Input/Output) Programmable I/O Pin During Normal Operation
Mode B/
(Input) Mode Select Input—Checked Only During RESET
PF1
(Input/Output) Programmable I/O Pin During Normal Operation
Mode A/
(Input) Mode Select Input—Checked Only During RESET
PF0
(Input/Output) Programmable I/O Pin During Normal Operation
CLKIN,
(Inputs) Clock or Quartz Crystal Input
XTAL
CLKOUT
(Output) Processor Clock Output
SPORT0
(Inputs/Outputs) Serial Port I/O Pins
SPORT1
(Inputs/Outputs) Serial Port I/O Pins
IRQ1:0
(Inputs) Edge- or Level-Sensitive Interrupts,
FI
(Input) Flag In
3
FO
(Output) Flag Out
3
PWD
(Input) Power-Down Control Input
PWDACK
(Output) Power-Down Control Output
FL0, FL1,
(Outputs) Output Flags
FL2
A13 to A0
(Output) Address Output Pins for Program, Data, Byte, and I/O Space
D23 to D0
(Input/Output) Data I/O Pins for Program, Data, Byte, and I/O Space
VDD and
Power and Ground
GND
EZ-ICE Port
(Inputs/Outputs) For Emulation Use
ERESET
EMS
EE
ECLK
ELOUT
ELIN
EINT
EBR
EBG
NOTES
1Refer to the ADSP-2185L data sheet for a detailed description of the DSP pins.
2Interrupt/Flag Pins retain both functions concurrently. If IMASK is set to enable the corresponding interrupts, then the DSP will vector to the appropriate interrupt
vector address when the pin is asserted, either by external devices, or set as a programmable flag.
3SPORT configuration determined by the DSP System Control Register. Software configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com