Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 11 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD73460 Datasheet HTML 7Page - Analog Devices AD73460 Datasheet HTML 8Page - Analog Devices AD73460 Datasheet HTML 9Page - Analog Devices AD73460 Datasheet HTML 10Page - Analog Devices AD73460 Datasheet HTML 11Page - Analog Devices AD73460 Datasheet HTML 12Page - Analog Devices AD73460 Datasheet HTML 13Page - Analog Devices AD73460 Datasheet HTML 14Page - Analog Devices AD73460 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD73460
–11–
REV. 0
VINN1
VINP1
ANALOG
-
MODULATOR
SDI
SDIFS
SCLK2
REFCAP
REFOUT
SE
ARESET
SDOFS
SDO
AMCLK
VINN2
VINP2
VINN3
VINP3
VINN4
VINP4
VINN5
VINP5
VINN6
VINP6
AFE SECTION
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SERIAL
I/O
PORT
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
REFERENCE
ANALOG
-
MODULATOR
ANALOG
-
MODULATOR
ANALOG
-
MODULATOR
ANALOG
-
MODULATOR
ANALOG
-
MODULATOR
AD73460
Figure 2. Functional Block Diagram of Analog Front End
Table II. PGA Settings for the Encoder Channel
IxGS2
IxGS1
IxGS0
Gain (dB)
000
0
001
6
010
12
011
18
100
20
101
26
110
32
111
38
ADC
Each channel has its own ADC consisting of an analog sigma-
delta modulator and a digital antialiasing decimation filter. The
sigma-delta modulator noise-shapes the signal and produces
1-bit samples at a DMCLK/8 rate. This bitstream, representing
the analog input signal, is input to the antialiasing decimation
filter. The decimation filter reduces the sample rate and increases
the resolution.
FUNCTIONAL DESCRIPTION—AFE
Encoder Channel
Each encoder channel consists of a signal conditioner, a switched
capacitor PGA, and a sigma-delta analog-to-digital converter
(ADC). An on-board digital filter, which forms part of the
sigma-delta ADC, also performs critical system-level filtering.
Due to the high level of oversampling, the input antialias require-
ments are reduced such that a simple single pole RC stage is
sufficient to give adequate attenuation in the band of interest.
Signal Conditioner
Each analog channel has an independent signal conditioning
block. This allows the analog input to be configured by the user
depending on whether differential or single-ended mode is used.
Programmable Gain Amplifier
Each encoder section’s analog front end comprises a Switched
Capacitor PGA that also forms part of the sigma-delta modulator.
The SC sampling frequency is DMCLK/8. The PGA, whose
programmable gain settings are shown in Table II, may be used
to increase the signal level applied to the ADC from low output
sources such as microphones, and can be used to avoid placing
external amplifiers in the circuit. The input signal level to the
sigma-delta modulator should not exceed the maximum input
voltage permitted.
The PGA gain is set by bits IGS0, IGS1, and IGS2 in control
Registers D, E, and F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com