Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 29 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD73460 Datasheet HTML 24Page - Analog Devices AD73460 Datasheet HTML 25Page - Analog Devices AD73460 Datasheet HTML 26Page - Analog Devices AD73460 Datasheet HTML 27Page - Analog Devices AD73460 Datasheet HTML 28Page - Analog Devices AD73460 Datasheet HTML 29Page - Analog Devices AD73460 Datasheet HTML 30Page - Analog Devices AD73460 Datasheet HTML 31Page - Analog Devices AD73460 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD73460
–29–
REV. 0
The bus request feature operates at all times, including when
the processor is booting and when
RESET is active.
The
BGH pin is asserted when the AD73460 is ready to execute
an instruction, but is stopped because the external bus is already
granted to another device. The other device can release the bus
by deasserting bus request. Once the bus is released, the AD73460
deasserts
BG and BGH and executes the external memory access.
Flag I/O Pins
The AD73460 has eight general-purpose programmable input/
output flag pins. They are controlled by two memory-mapped
registers. The PFTYPE register determines the direction, 1 =
output and 0 = input. The PFDATA register is used to read and
write the values on the pins. Data being read from a pin config-
ured as an input is synchronized to the AD73460’s clock. Bits that
are programmed as outputs will read the value being output.
The PF pins default to input during reset.
In addition to the programmable flags, the AD73460 has five
fixed-mode flags, FLAG_IN, FLAG_OUT, FL0, FL1, and FL2.
FL0–FL2 are dedicated output flags. FLAG_IN and FLAG_OUT
are available as an alternate configuration of SPORT1.
Note: Pins PF0, PF1, PF2, and PF3 are also used for device
configuration during reset.
INSTRUCTION SET DESCRIPTION
The AD73460 assembly language instruction set has an algebraic
syntax that was designed for ease of coding and readability. The
assembly language, which takes full advantage of the processor’s
unique architecture, offers the following benefits:
• The algebraic syntax eliminates the need to remember cryp-
tic assembler mnemonics. For example, a typical arithmetic
add instruction, such as AR = AX0 + AY0, resembles a
simple equation.
• Every instruction assembles into a single, 24-bit word that
can execute in a single instruction cycle.
• The syntax is a superset ADSP-2100 Family assembly lan-
guage and is completely source and object code compatible
with other family members. Programs may need to be relo-
cated to utilize on-chip memory and conform to the AD73460’s
interrupt vector and reset vector map.
• Sixteen condition codes are available. For conditional jump,
call, return, or arithmetic instructions, the condition can
be checked and the operation executed in the same instruc-
tion cycle.
• Multifunction instructions allow parallel execution of an
arithmetic instruction with up to two fetches or one write to
processor memory space during a single instruction cycle.
DESIGNING AN EZ-ICE-COMPATIBLE SYSTEM
The AD73460 has on-chip emulation support and an ICE-Port,
a special set of pins that interface to the EZ-ICE. These features
allow in-circuit emulation without replacing the target system
processor by using only a 14-pin connection from the target
system to the EZ-ICE. Target systems must have a 14-pin con-
nector to accept the EZ-ICE’s in-circuit probe, a 14-pin plug.
See the ADSP-2100 Family EZ-Tools data sheet for complete
information on ICE products.
Issuing the chip reset command during emulation causes the
DSP to perform a full chip reset, including a reset of its memory
mode. Therefore, it is vital that the mode pins are set correctly
PRIOR to issuing a chip reset command from the emulator user
interface. If you are using a passive method of maintaining mode
information (as discussed in Setting Memory Modes) then it
does not matter that the mode information is latched by an
emulator reset. However, if you are using the
RESET pin as a
method of setting the value of the mode pins, then you have to
take into consideration the effects of an emulator reset.
One method of ensuring that the values located on the mode
pins are those desired is to construct a circuit like the one shown
in Figure 18. This circuit forces the value located on the Mode
A pin to logic high; regardless if it latched via the
RESET or
ERESET pin.
RESET
ERESET
AD73460
MODE A /PFO
PROGRAMMABLE I/O
Figure 18. Mode A Pin/EZ-ICE Circuit
The ICE-Port interface consists of the following AD73460 pins:
EBR
EBG
ERESET
EMS
EINT
ECLK
ELIN
ELOUT
EE
These AD73460 pins must be connected only to the EZ-ICE
connector in the target system. These pins have no function
except during emulation, and do not require pull-up or pull-down
resistors. The traces for these signals between the AD73460 and
the connector must be kept as short as possible, no longer than
three inches.
The following pins are also used by the EZ-ICE:
BR
BG
RESET
GND
The EZ-ICE uses the EE (emulator enable) signal to take
control of the AD73460 in the target system. This causes the
processor to use its
ERESET, EBR, and EBG pins instead of
the
RESET, BR, and BG pins. The BG output is three-stated.
These signals do not need to be jumper-isolated in your system.
The EZ-ICE connects to your target system via a ribbon cable
and a 14-pin female plug. The ribbon cable is 10 inches in length
with one end fixed to the EZ-ICE. The female plug is plugged
onto the 14-pin connector (a pin strip header) on the target board.
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com