Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 19 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD73460 Datasheet HTML 15Page - Analog Devices AD73460 Datasheet HTML 16Page - Analog Devices AD73460 Datasheet HTML 17Page - Analog Devices AD73460 Datasheet HTML 18Page - Analog Devices AD73460 Datasheet HTML 19Page - Analog Devices AD73460 Datasheet HTML 20Page - Analog Devices AD73460 Datasheet HTML 21Page - Analog Devices AD73460 Datasheet HTML 22Page - Analog Devices AD73460 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD73460
–19–
REV. 0
Data Mode
Once the device has been configured by programming the cor-
rect settings to the various control registers, the device may exit
Program Mode and enter Data Mode. This is done by program-
ming the DATA/
PGM (CRA:0) bit to 1 and MM (CRA:1) to 0.
Once the device is in Data Mode, the input data is ignored.
When the device is in normal Data Mode (i.e., mixed mode
disabled), it must receive a hardware reset to reprogram any of
the control register settings.
Mixed Program/Data Mode
This mode allows the user to send control words to the device
while receiving ADC words. This permits adaptive control of
the device whereby control of the input gains can be affected by
reprogramming the control registers. The standard data frame
remains 16 bits, but now the MSB is used as a flag bit to indi-
cate that the remaining 15 bits of the frame represent control
information. Mixed mode is enabled by setting the MM bit
(CRA:1) to 1 and the DATA/
PGM bit (CRA:0) to 1. In the case
where control setting changes will be required during normal
operation, this mode allows the ability to load control informa-
tion with the slight inconvenience of formatting the data. Note
that the output samples from the ADC will also have the MSB
set to zero to indicate it is a data word.
Channel Selection
The ADC channels of the AD73460 can be powered up or down
individually by programming the PUIx bit of registers CRD to
CRF. If the AD73460 is being used in Mixed Data/Control Mode,
individual channels may be powered up or down as the program
requires. In Data Mode, the number of channels selected while the
AD73460 was in Program Mode is fixed and cannot be altered
without resetting and reprogramming the AD73460. In all cases
ADC Channel 1 must be powered up as the frame sync pulse
generated by this channel defines the start of a new sample interval.
INTERFACING
The AFE section SPORT (SPORT2) can be interfaced to either
SPORT0 or SPORT1 of the DSP section. Both serial input and
output data use an accompanying frame synchronization signal
that is active high one clock cycle before the start of the 16-bit
word or during the last bit of the previous word if transmission
is continuous. The serial clock (SCLK) is an output from the
AFE and is used to define the serial transfer rate to the DSP’s
Tx and Rx ports. Two primary configurations can be used: the
first is shown in Figure 8 where the DSP’s Tx data, Tx frame
sync, Rx data and Rx frame sync are connected to the AD73460’s
SDI, SDIFS, SDO, and SDOFS, respectively. This configuration,
referred to as indirectly coupled or nonframe sync loop-back,
has the effect of decoupling the transmission of input data from
the receipt of output data. When programming the DSP serial
port for this configuration, it is necessary to set the Rx frame
sync as an input to the DSP and the Tx frame sync as an output
generated by the DSP. This configuration is most useful when
operating in mixed mode, as the DSP has the ability to decide
how many words can be sent to the AFE(s). This means that full
control can be implemented over the device configuration in a
given sample interval. The second configuration (shown in Figure
9) has the DSP’s Tx data and Rx data connected to the AFE’s SDI
and SDO, respectively, while the DSP’s Tx and Rx frame syncs
are connected to the AD73460’s SDIFS and SDOFS. In this
configuration, referred to as directly coupled or frame sync
loop-back, the frame sync signals are connected together and
the input data to the AFE is forced to be synchronous with the
output data from the AFE. The DSP must be programmed so
that both the Tx and Rx frame syncs are inputs as the AFE’s
SDOFS will be input to both. This configuration guarantees that
input and output events occur simultaneously and is the simplest
configuration for operation in normal Data Mode. Note that when
programming the AFE in this configuration it is advisable to
preload the transmit register with the first control word to be sent
before the AFE is taken out of reset. This ensures that this word
will be transmitted to coincide with the first output word from the
device(s).
TFS(0/1)
DT(0/1)
SCLK(0/1)
DR(0/1)
RFS(0/1)
DSP
SECTION
AFE
SECTION
SDIFS
SDI
SCLK
SDO
SOFS
Figure 8. Indirectly Coupled or Nonframe Sync Loop-Back
Configuration
TFS(0/1)
DT(0/1)
SCLK(0/1)
DR(0/1)
RFS(0/1)
DSP
SECTION
AFE
SECTION
SDIFS
SDI
SCLK
SDO
SDOFS
Figure 9. Directly Coupled or Frame Sync Loop-Back
Configuration
Cascade Operation
The AD73460 has been designed to support cascading of an
external AFE from either SPORT0 or SPORT1. The SPORT2
interface protocol has been designed so that device addressing is
built into the packet of information sent to the device. This allows
the cascade to be formed with no extra hardware overhead for
control signals or addressing. A cascade can be formed in either
of the two modes previously discussed.
There may be some restrictions in cascade operation due to the
number of devices configured in the cascade and the serial clock
rate chosen. The formula below gives an indication of whether
the combination of sample rate, serial clock, and number of
devices can be successfully cascaded. This assumes a directly
coupled frame sync arrangement as shown in Figure 9 and does
not take any interrupt latency into account.
16
1
16
17
f
Device Count
SCLK
S
≥
×− ×
+
[((
)
)
]
When using the indirectly coupled frame sync configuration in
cascaded operation it is necessary to be aware of the restrictions
in sending control word data to all devices in the cascade. The
user should ensure that there is sufficient time for all the control
words to be sent between reading the last ADC sample and the
start of the next sample period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com