Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 4 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 4 Page - Analog Devices

  AD73460 Datasheet HTML 1Page - Analog Devices AD73460 Datasheet HTML 2Page - Analog Devices AD73460 Datasheet HTML 3Page - Analog Devices AD73460 Datasheet HTML 4Page - Analog Devices AD73460 Datasheet HTML 5Page - Analog Devices AD73460 Datasheet HTML 6Page - Analog Devices AD73460 Datasheet HTML 7Page - Analog Devices AD73460 Datasheet HTML 8Page - Analog Devices AD73460 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. 0
–4–
AD73460–SPECIFICATIONS
AD73460B
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0.8
VDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD
V
|IOUT|
≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT|
≤ 100 µA
Three-State Leakage Current
–10
+10
µA
POWER SUPPLIES
AVDD1, AVDD2
3.0
3.6
V
DVDD
3.0
3.6
V
IDD
8
See Table I
NOTES
1Operating temperature range is as follows: –20
°C to +85°C. Therefore, T
MIN = –20
°C and T
MAX = +85
°C.
2Test conditions: Input PGA set for 0 dB gain (unless otherwise noted).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (4
× 1011)/DMCLK.
7Frequency response of ADC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB preamplifier
bypassed and input gain of 0 dB.
8Test Conditions: no load on digital inputs, analog inputs ac coupled to ground.
Specifications subject to change without notice.
Table I. AFE Section Current Summary (AVDD = DVDD = 3.3 V)
Total
Current
MCLK
Conditions
(Max)
SE
ON
Comments
REFCAP Only On
1.0
0
No
REFOUT Disabled
REFCAP and
REFOUT Only On
4.5
0
No
All Sections On
26.5
1
Yes
REFOUT Enabled
All Sections Off
1.5
0
Yes
MCLK Active Levels Equal to 0 V and DVDD
All Sections Off
0.1
0
No
Digital Inputs Static and Equal to 0 V or DVDD
The above values are in mA. MCLK = 16.384 MHz; SCLK = 16.384 MHz.
(AVDD = 3.0 V to 3.6 V; DVDD = 3.0 V to 3.6 V; DGND = AGND = 0 V,
fMCLK = 16.384 MHz, fSAMP = 64 kHz; TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com