Electronic Components Datasheet Search
  English  ▼

X  

AD73460 Datasheet(PDF) 23 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD73460 Datasheet HTML 19Page - Analog Devices AD73460 Datasheet HTML 20Page - Analog Devices AD73460 Datasheet HTML 21Page - Analog Devices AD73460 Datasheet HTML 22Page - Analog Devices AD73460 Datasheet HTML 23Page - Analog Devices AD73460 Datasheet HTML 24Page - Analog Devices AD73460 Datasheet HTML 25Page - Analog Devices AD73460 Datasheet HTML 26Page - Analog Devices AD73460 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD73460
–23–
REV. 0
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and
RESET with minimum overhead.
The AD73460 provides four dedicated external interrupt
input pins,
IRQ2, IRQL0, IRQL1, and IRQE. In addition,
SPORT1 may be reconfigured for
IRQ0, IRQ1, FLAG_IN,
and FLAG_OUT, for a total of six external interrupts. The
AD73460 also supports internal interrupts from the timer, the
byte DMA port, the two serial ports, software and the power-down
control circuit. The interrupt levels are internally prioritized
and individually maskable (except power down and reset). The
IRQ2, IRQ0, and IRQ1 input pins can be programmed to be
either level- or edge-sensitive.
IRQL0 and IRQL1 are level-
sensitive and
IRQE is edge-sensitive. The priorities and vector
addresses of all interrupts are shown in Table XVII.
Table XVII. Interrupt Priority and Interrupt Vector Addresses
Interrupt Vector
Source of Interrupt
Address (Hex)
RESET (or Power-Up with PUCR = 1) 0000 (Highest Priority)
Power-Down (Nonmaskable)
002C
IRQ2
0004
IRQL1
0008
IRQL0
000C
SPORT0 Transmit
0010
SPORT0 Receive
0014
IRQE
0018
BDMA Interrupt
001C
SPORT1 Transmit or
IRQ1
0020
SPORT1 Receive or
IRQ0
0024
Timer
0028 (Lowest Priority)
Interrupt routines can either be nested with higher priority
interrupts taking precedence or processed sequentially. Inter-
rupts can be masked or unmasked with the IMASK register.
Individual interrupt requests are logically ANDed with the bits
in IMASK; the highest priority unmasked interrupt is then
selected. The power-down interrupt is nonmaskable.
The AD73460 masks all interrupts for one instruction cycle
following the execution of an instruction that modifies the
IMASK register. This does not affect serial port autobuffering
or DMA transfers.
The interrupt control register, ICNTL, controls interrupt nest-
ing and defines the
IRQ0, IRQ1, and IRQ2 external interrupts
to be either edge- or level-sensitive. The
IRQE pin is an external
edge-sensitive interrupt and can be forced and cleared. The
IRQL0 and IRQL1 pins are external level-sensitive interrupts.
The IFC register is a write-only register used to force and clear
interrupts. On-chip stacks preserve the processor status and are
automatically maintained during interrupt handling. The stacks
are twelve levels deep to allow interrupt, loop and subroutine
nesting. The following instructions allow global enable or disable
servicing of the interrupts (including power-down), regardless of
the state of IMASK. Disabling the interrupts does not affect
serial port autobuffering or DMA.
ENA INTS;
DIS INTS;
When the processor is reset, interrupt servicing is enabled.
LOW POWER OPERATION
The AD73460 has three low power modes that significantly
reduce the power dissipation when the device operates under
standby conditions. These modes are:
• Power-Down
• Idle
• Slow Idle
The CLKOUT pin may also be disabled to reduce external
power dissipation.
Power-Down
The AD73460 processor has a low power feature that lets the
processor enter a very low power dormant state through hard-
ware or software control. Following is a brief list of power-down
features. Refer to the ADSP-2100 Family User’s Manual, Third
Edition, “System Interface” chapter, for detailed information
about the power-down feature.
• Quick recovery from power-down. The processor begins
executing instructions in as few as 400 CLKIN cycles.
• Support for an externally generated TTL or CMOS processor
clock. The external clock can continue running during power-
down without affecting the 400 CLKIN cycle recovery.
• Support for crystal operation includes disabling the oscillator
to save power (the processor automatically waits 4096 CLKIN
cycles for the crystal oscillator to start and stabilize), and
letting the oscillator run to allow 400 CLKIN cycle start up.
• Power-down is initiated by either the power-down pin (PWD)
or the software power-down force bit. Interrupt support allows
an unlimited number of instructions to be executed before
optionally powering down. The power-down interrupt can
also be used as a nonmaskable, edge-sensitive interrupt.
• Context clear/save control allows the processor to continue
where it left off or start with a clean context when leaving the
power-down state.
• The RESET pin can also be used to terminate power-down.
• Power-down acknowledge pin indicates when the processor
has entered power-down.
Idle
When the AD73460 is in the Idle Mode, the processor waits
indefinitely in a low power state until an interrupt occurs. When
an unmasked interrupt occurs, it is serviced; execution then con-
tinues with the instruction following the IDLE instruction. In
Idle Mode IDMA, BDMA, and autobuffer cycle steals still occur.
Slow Idle
The IDLE instruction on the AD73460 slows the processor’s
internal clock signal, further reducing power consumption. The
reduced clock frequency, a programmable fraction of the normal
clock rate, is specified by a selectable divisor given in the IDLE
instruction. The format of the instruction is
IDLE (n);
where n = 16, 32, 64, or 128. This instruction keeps the proces-
sor fully functional, but operating at the slower clock rate. While
it is in this state, the processor’s other internal clock signals,
such as SCLK, CLKOUT, and timer clock, are reduced by the
same ratio. The default form of the instruction, when no clock
divisor is given, is the standard IDLE instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com