Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices AD7712 Datasheet HTML 10Page - Analog Devices AD7712 Datasheet HTML 11Page - Analog Devices AD7712 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. E
–8–
AD7712
Pin
Mnemonic
Function
21
DRDY
Logic output. A falling edge indicates that a new output word is available for transmission. The
DRDY pin
will return high upon completion of transmission of a full output word.
DRDY is also used to indicate
when the AD7712 has completed its on-chip calibration sequence.
22
SDATA
Serial Data. Input/Output with serial data being written to either the control register or the calibration
registers and serial data being accessed from the control register, calibration registers or the data register.
During an output data read operation, serial data becomes active after
RFS goes low (provided DRDY is
low). During a write operation, valid serial data is expected on the rising edges of SCLK when
TFS is low.
The output data coding is natural binary for unipolar inputs and offset binary for bipolar inputs.
23
DVDD
Digital Supply Voltage, +5 V. DVDD should not exceed AVDD by more than 0.3 V in normal operation.
24
DGND
Ground reference point for digital circuitry.
TERMINOLOGY
INTEGRAL NONLINEARITY
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The end-
points of the transfer function are zero-scale (not to be confused
with bipolar zero), a point 0.5 LSB below the first code transi-
tion (000 . . . 000 to 000 . . . 001) and full scale, a point 0.5 LSB
above the last code transition (111 . . . 110 to 111 . . . 111). The
error is expressed as a percentage of full scale.
POSITIVE FULL-SCALE ERROR
Positive full-scale error is the deviation of the last code transi-
tion (111 . . . 110 to 111 . . . 111) from the ideal input full-scale
voltage. For AIN1(+), the ideal full-scale input voltage is
(AIN1(–) + VREF/GAIN – 3/2 LSBs); for AIN2, the ideal full-
scale voltage is +4
× V
REF/GAIN – 3/2 LSBs. Positive full-scale
error applies to both unipolar and bipolar analog input ranges.
UNIPOLAR OFFSET ERROR
Unipolar offset error is the deviation of the first code transition
from the ideal voltage. For AIN1(+), the ideal input voltage is
(AIN1(–) + 0.5 LSB); for AIN2, the ideal input is 0.5 LSB
when operating in the unipolar mode.
BIPOLAR ZERO ERROR
This is the deviation of the midscale transition (0111 . . . 111
to 1000 . . . 000) from the ideal input voltage. For AIN1(+), the
ideal input voltage is (AIN1(–) – 0.5 LSB); for AIN2, the ideal
input is –0.5 LSB when operating in the bipolar mode.
BIPOLAR NEGATIVE FULL-SCALE ERROR
This is the deviation of the first code transition from the ideal
input voltage. For AIN1(+), the ideal input voltage is (AIN1(–)
– VREF/GAIN + 0.5 LSB); for AIN2, the ideal input voltage is
(–4
× V
REF/GAIN + 0.5 LSB) when operating in the bipolar
mode.
POSITIVE FULL-SCALE OVERRANGE
Positive full-scale overrange is the amount of overhead available
to handle input voltages on AIN1(+) input greater than
(AIN1(–) + VREF/GAIN) or on the AIN2 of greater than +4
×
VREF/GAIN (for example, noise peaks or excess voltages due to
system gain errors in system calibration routines) without intro-
ducing errors due to overloading the analog modulator or to
overflowing the digital filter.
NEGATIVE FULL-SCALE OVERRANGE
This is the amount of overhead available to handle voltages on
AIN1(+) below (AIN1(–) – VREF/GAIN) or on AIN2 below
–4
× V
REF/GAIN without overloading the analog modulator or
overflowing the digital filter. Note that the analog input will
accept negative voltage peaks on AIN1(+) even in the unipolar
mode provided that AIN1(+) is greater than AIN1(–) and
greater than VSS – 30 mV.
OFFSET CALIBRATION RANGE
In the system calibration modes, the AD7712 calibrates its offset
with respect to the analog input. The offset calibration range
specification defines the range of voltages that the AD7712 can
accept and still accurately calibrate offset.
FULL-SCALE CALIBRATION RANGE
This is the range of voltages that the AD7712 can accept in the
system calibration mode and still correctly calibrate full-scale.
INPUT SPAN
In system calibration schemes, two voltages applied in sequence
to the AD7712’s analog input define the analog input range.
The input span specification defines the minimum and maxi-
mum input voltages from zero to full-scale that the AD7712
can accept and still accurately calibrate gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com