Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 1 Page - Analog Devices

  AD7712 Datasheet HTML 1Page - Analog Devices AD7712 Datasheet HTML 2Page - Analog Devices AD7712 Datasheet HTML 3Page - Analog Devices AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
a
FUNCTIONAL BLOCK DIAGRAM
CLOCK
GENERATION
SERIAL INTERFACE
OUTPUT
REGISTER
CHARGE-BALANCING A/D
CONVERTER
AUTO-ZEROED
–
MODULATOR
DIGITAL
FILTER
AD7712
AGND DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(–)
REF
IN (–)
REF
IN (+)
SYNC
4.5 A
A = 1 – 128
DRDY
TFS
RFS
REF OUT
VBIAS
VOLTAGE
ATTENUATION
AIN2
TP
STANDBY
CONTROL
REGISTER
VSS
2.5V REFERENCE
DVDD
AVDD
AVDD
M
U
X
AIN1(+)
PGA
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
High Level and Low Level Analog Input Channels
Programmable Gain for Both Inputs
Gains from 1 to 128
Differential Input for Low Level Channel
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
Bidirectional Microcontroller Serial Interface
Internal/External Reference Option
Single or Dual Supply Operation
Low Power (25 mW typ) with Power-Down Mode
(100
W typ)
APPLICATIONS
Process Control
Smart Transmitters
Portable Industrial Instruments
LC2MOS
Signal Conditioning ADC
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
GENERAL DESCRIPTION
The AD7712 is a complete analog front end for low frequency
measurement applications. The device has two analog input
channels and accepts either low level signals directly from a
transducer or high level (
±4 × V
REF) signals and outputs a serial
digital word. It employs a sigma-delta conversion technique to
realize up to 24 bits of no missing codes performance. The low
level input signal is applied to a proprietary programmable gain
front end based around an analog modulator. The high level
analog input is attenuated before being applied to the same
modulator. The modulator output is processed by an on-chip
digital filter. The first notch of this digital filter can be pro-
grammed via the on-chip control register allowing adjustment of
the filter cutoff and settling time.
Normally, one of the channels will be used as the main channel
with the second channel used as an auxiliary input to periodi-
cally measure a second voltage. The part can be operated from a
single supply (by tying the VSS pin to AGND) provided that the
input signals on the low level analog input are more positive
than –30 mV. By taking the VSS pin negative, the part can con-
vert signals down to –VREF on this low level input. This low level
input, as well as the reference input, features differential input
capability.
The AD7712 is ideal for use in smart, microcontroller-based
systems. Input channel selection, gain settings and signal polar-
ity can be configured in software using the bidirectional serial
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
port. The AD7712 also contains self-calibration, system calibra-
tion and background calibration options and also allows the user
to read and to write the on-chip calibration registers.
CMOS construction ensures low power dissipation and a hard-
ware programmable power-down mode reduces the standby
power consumption to only 100
µW typical. The part is avail-
able in a 24-lead, 0.3 inch wide, plastic and hermetic dual-in-
line package (DIP) as well as a 24-lead small outline (SOIC)
package.
PRODUCT HIGHLIGHTS
1. The low level analog input channel allows the AD7712 to
accept input signals directly from a strain gage or transducer,
removing a considerable amount of signal conditioning. To
maximize the flexibility of the part, the high level analog
input accepts signals of
±4 × V
REF/GAIN.
2. The AD7712 is ideal for microcontroller or DSP processor
applications with an on-chip control register that allows
control over filter cutoff, input gain, channel selection, signal
polarity and calibration modes.
3. The AD7712 allows the user to read and to write the on-chip
calibration registers. This means that the microcontroller has
much greater control over the calibration procedure.
4. No Missing Codes ensures true, usable, 23-bit dynamic
range coupled with excellent
±0.0015% accuracy. The effects
of temperature drift are eliminated by on-chip self-calibration,
which removes zero-scale and full-scale errors.
AD7712*
*Protected by U.S. Patent No. 5,134,401.


Similar Part No. - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
304Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD7712 AD-AD7712 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
More results

Similar Description - AD7712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7711A AD-AD7711A Datasheet
222Kb / 27P
LC2MOS Signal Conditioning ADC with RTD Current Source
REV.C
AD7713 AD-AD7713 Datasheet
516Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV.C
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
LC2MOS Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com