Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7712 Datasheet HTML 10Page - Analog Devices AD7712 Datasheet HTML 11Page - Analog Devices AD7712 Datasheet HTML 12Page - Analog Devices AD7712 Datasheet HTML 13Page - Analog Devices AD7712 Datasheet HTML 14Page - Analog Devices AD7712 Datasheet HTML 15Page - Analog Devices AD7712 Datasheet HTML 16Page - Analog Devices AD7712 Datasheet HTML 17Page - Analog Devices AD7712 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. E
–14–
AD7712
0
–240
–180
–220
10
–200
0
–120
–160
–140
–100
–80
–60
–20
–40
60
50
40
30
20
FREQUENCY – Hz
Figure 6. Frequency Response of AD7712 Filter
Since the AD7712 contains this on-chip, low-pass filtering,
there is a settling time associated with step function inputs, and
data on the output will be invalid after a step change until the
settling time has elapsed. The settling time depends upon the
notch frequency chosen for the filter. The output data rate
equates to this filter notch frequency, and the settling time of
the filter to a full-scale step input is four times the output data
period. In applications using both input channels, the settling
time of the filter must be allowed to elapse before data from the
second channel is accessed.
Post Filtering
The on-chip modulator provides samples at a 19.5 kHz output
rate. The on-chip digital filter decimates these samples to pro-
vide data at an output rate that corresponds to the programmed
first notch frequency of the filter. Since the output data rate
exceeds the Nyquist criterion, the output rate for a given band-
width will satisfy most application requirements. However,
there may be some applications which require a higher data rate
for a given bandwidth and noise performance. Applications that
need this higher data rate will require some post filtering follow-
ing the digital filter of the AD7712.
For example, if the required bandwidth is 7.86 Hz but the
required update rate is 100 Hz, the data can be taken from the
AD7712 at the 100 Hz rate giving a –3 dB bandwidth of
26.2 Hz. Post filtering can be applied to this to reduce the
bandwidth and output noise, to the 7.86 Hz bandwidth level,
while maintaining an output rate of 100 Hz.
Post filtering can also be used to reduce the output noise from
the device for bandwidths below 2.62 Hz. At a gain of 128, the
output rms noise is 250 nV. This is essentially device noise or
white noise, and since the input is chopped, the noise has a flat
frequency response. By reducing the bandwidth below 2.62 Hz,
the noise in the resultant passband can be reduced. A reduction
in bandwidth by a factor of two results in a
√2 reduction in the
output rms noise. This additional filtering will result in a longer
settling time.
Input Sample Rate
The modulator sample frequency for the device remains at
fCLK IN/512 (19.5 kHz @ fCLK IN = 10 MHz) regardless of the
selected gain. However, gains greater than
×1 are achieved by a
combination of multiple input samples per modulator cycle and
a scaling of the ratio of reference capacitor to input capacitor.
As a result of the multiple sampling, the input sample rate of
the device varies with the selected gain (see Table III). The
effective input impedance is 1/C
× f
S where C is the input sam-
pling capacitance and fS is the input sample rate.
Table III. Input Sampling Frequency vs. Gain
Gain
Input Sampling Frequency (fS)
1fCLK IN/256 (39 kHz @ fCLK IN = 10 MHz)
22
× f
CLK IN/256 (78 kHz @ fCLK IN = 10 MHz)
44
× f
CLK IN/256 (156 kHz @ fCLK IN = 10 MHz)
88
× f
CLK IN/256 (312 kHz @ fCLK IN = 10 MHz)
16
8
× f
CLK IN/256 (312 kHz @ fCLK IN = 10 MHz)
32
8
× f
CLK IN/256 (312 kHz @ fCLK IN = 10 MHz)
64
8
× f
CLK IN/256 (312 kHz @ fCLK IN = 10 MHz)
128
8
× f
CLK IN/256 (312 kHz @ fCLK IN = 10 MHz)
DIGITAL FILTERING
The AD7712’s digital filter behaves like a similar analog filter,
with a few minor differences.
First, since digital filtering occurs after the A-to-D conversion
process, it can remove noise injected during the conversion
process. Analog filtering cannot do this.
On the other hand, analog filtering can remove noise superim-
posed on the analog signal before it reaches the ADC. Digital
filtering cannot do this, and noise peaks riding on signals near
full scale have the potential to saturate the analog modulator
and digital filter, even though the average value of the signal is
within limits. To alleviate this problem, the AD7712 has over-
range headroom built into the sigma-delta modulator and digital
filter which allows overrange excursions of 5% above the analog
input range. If noise signals are larger than this, consideration
should be given to analog input filtering, or to reducing the
input channel voltage so that its full scale is half that of the
analog input channel full scale. This will provide an overrange
capability greater than 100% at the expense of reducing the
dynamic range by 1 bit (50%).
Filter Characteristics
The cutoff frequency of the digital filter is determined by the
value loaded to bits FS0 to FS11 in the control register. At the
maximum clock frequency of 10 MHz, the minimum cutoff
frequency of the filter is 2.58 Hz while the maximum program-
mable cutoff frequency is 269 Hz.
Figure 6 shows the filter frequency response for a cutoff fre-
quency of 2.62 Hz, which corresponds to a first filter notch
frequency of 10 Hz. This is a (sinx/x)
3 response (also called
sinc
3) that provides >100 dB of 50 Hz and 60 Hz rejection.
Programming a different cutoff frequency via FS0–FS11 does
not alter the profile of the filter response; it changes the fre-
quency of the notches as outlined in the Control Register
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com