| Electronic Components Datasheet Search |
|
AD7712 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 28 page ![]() 2 –23– REV. E AD7712 Write Operation Data can be written to either the control register or calibration registers. In either case, the write operation is not affected by the DRDY line, and the write operation does not have any effect on the status of DRDY. A write operation to the control regis- ter or the calibration register must always write 24 bits to the respective register. Figure 14a shows a write operation to the AD7712 with TFS remaining low for the duration of the write operation. A0 deter- mines whether a write operation transfers data to the control register or to the calibration registers. This A0 signal must remain valid for the duration of the serial write operation. As before, the serial clock line should be low between read and write operations. The serial data to be loaded to the AD7712 must be valid on the high level of the externally applied SCLK signal. Data is clocked into the AD7712 on the high level of this SCLK signal with the MSB transferred first. On the last active high time of SCLK, the LSB is loaded to the AD7712. Figure 14b shows a timing diagram for a write operation to the AD7712 with TFS returning high during the write operation and returning low again to write the rest of the data word. Tim- ing parameters and functions are very similar to that outlined for Figure 14a, but Figure 14b has a number of additional times to show timing relationships when TFS returns high in the middle of transferring a word. Data to be loaded to the AD7712 must be valid prior to the rising edge of the SCLK signal. TFS should return high during the low time of SCLK. After TFS returns low again, the next bit of the data word to be loaded to the AD7712 is clocked in on next high level of the SCLK input. On the last active high time of the SCLK input, the LSB is loaded to the AD7712. SCLK (I) SDATA (I) TFS (I) A0 (I) MSB LSB t32 t33 t26 t27 t35 t36 t34 Figure 14a. External Clocking Mode, Control/Calibration Register Write Operation SCLK (I) SDATA (I) TFS (I) A0 (I) MSB BIT N BIT N+1 t32 t26 t30 t35 t27 t36 t35 t36 Figure 14b. External Clocking Mode, Control/Calibration Register Write Operation ( TFS Returns High During Write Operation) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |