| Electronic Components Datasheet Search |
|
AD7712 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() REV. E –20– AD7712 the output data register. It is reset high when the last bit of data (either 16th bit or 24th bit) is read from the output register. If data is not read from the output register, the DRDY line will remain low. The output register will continue to be updated at the output update rate but DRDY will not indicate this. A read from the device in this circumstance will access the most recent word in the output register. If a new data word becomes avail- able to the output register while data is being read from the output register, DRDY will not indicate this and the new data word will be lost to the user. DRDY is not affected by reading from the control register or the calibration registers. Data can only be accessed from the output data register when DRDY is low. If RFS goes low with DRDY high, no data trans- fer will take place. DRDY does not have any effect on reading data from the control register or from the calibration registers. Figure 11 shows a timing diagram for reading from the AD7712 in the self-clocking mode. This read operation shows a read from the AD7712’s output data register. A read from the con- trol register or calibration registers is similar, but in these cases the DRDY line is not related to the read function. Depending on the output update rate, it can go low at any stage in the control/calibration register read cycle without affecting the read and its status should be ignored. A read operation from either the control or calibration registers must always read 24 bits of data from the respective register. Figure 11 shows a read operation from the AD7712. For the timing diagram shown, it is assumed that there is a pull-up resistor on the SCLK output. With DRDY low, the RFS input is brought low. RFS going low enables the serial clock of the AD7712 and also places the MSB of the word on the serial data line. All subsequent data bits are clocked out on a high to low transition of the serial clock and are valid prior to the following rising edge of this clock. The final active falling edge of SCLK clocks out the LSB, and this LSB is valid prior to the final ac- tive rising edge of SCLK. Coincident with the next falling edge of SCLK, DRDY is reset high. DRDY going high turns off the SCLK and the SDATA outputs. This means that the data hold time for the LSB is slightly shorter than for all other bits. SDATA (O) SCLK (O) THREE-STATE RFS (I) A0 (I) DRDY (O) MSB LSB t2 t3 t4 t5 t6 t7 t8 t9 t10 Figure 11. Self-Clocking Mode, Output Data Read Operation DIGITAL INTERFACE The AD7712’s serial communications port provides a flexible arrangement to allow easy interfacing to industry-standard microprocessors, microcontrollers and digital signal processors. A serial read to the AD7712 can access data from the output register, the control register or from the calibration registers. A serial write to the AD7712 can write data to the control register or the calibration registers. Two different modes of operation are available, optimized for different types of interface where the AD7712 can act either as master in the system (it provides the serial clock) or as slave (an external serial clock can be provided to the AD7712). These two modes, labelled self-clocking mode and external clocking mode, are discussed in detail in the following sections. Self-Clocking Mode The AD7712 is configured for its self-clocking mode by tying the MODE pin high. In this mode, the AD7712 provides the serial clock signal used for the transfer of data to and from the AD7712. This self-clocking mode can be used with processors that allow an external device to clock their serial port including most digital signal processors and microcontrollers such as the 68HC11 and 68HC05. It also allows easy interfacing to serial parallel conversion circuits in systems with parallel data commu- nication, allowing interfacing to 74XX299 Universal Shift regis- ters without any additional decoding. In the case of shift registers, the serial clock line should have a pull-down resistor instead of the pull-up resistor shown in Figure 11 and Figure 12. Read Operation Data can be read from either the output register, the control register or the calibration registers. A0 determines whether the data read accesses data from the control register or from the output/calibration registers. This A0 signal must remain valid for the duration of the serial read operation. With A0 high, data is accessed from either the output register or from the calibra- tion registers. With A0 low, data is accessed from the control register. The function of the DRDY line is dependent only on the output update rate of the device and the reading of the output data register. DRDY goes low when a new data word is available in |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |