| Electronic Components Datasheet Search |
|
AD7712 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 28 page ![]() 2 –25– REV. E AD7712 REVERSE ORDER OF BITS START WRITE DATA FROM ACCUMULATOR TO SERIAL BUFFER BRING TFS & A0 LOW LOAD DATA FROM ADDRESS TO ACCUMULATOR CONFIGURE & INITIALIZE C/ P SERIAL PORT BRING RFS, TFS & A0 HIGH BRING TFS & A0 HIGH END 3 Figure 17. Flowchart for Single Write Operation to the AD7712 AD7712 to 8051 Interface Figure 18 shows an interface between the AD7712 and the 8XC51 microcontroller. The AD7712 is configured for its exter- nal clocking mode while the 8XC51 is configured in its Mode 0 serial interface mode. The DRDY line from the AD7712 is connected to the Port P1.2 input of the 8XC51 so the DRDY line is polled by the 8XC51. The DRDY line can be connected to the INT1 input of the 8XC51 if an interrupt driven system is preferred. P1.0 P3.0 P3.1 P1.1 P1.2 P1.3 DVDD 8XC51 AD7712 SDATA A0 RFS TFS MODE DRDY SYNC SCLK Figure 18. AD7712 to 8XC51 Interface Table VII shows some typical 8XC51 code used for a single 24-bit read from the output register of the AD7712. Table VIII shows some typical code for a single write operation to the con- trol register of the AD7712. The 8XC51 outputs the LSB first in a write operation while the AD7712 expects the MSB first, so the data to be transmitted has to be rearranged before being written to the output serial register. Similarly, the AD7712 out- puts the MSB first during a read operation while the 8XC51 expects the LSB first. Therefore, the data which is read into the serial buffer needs to be rearranged before the correct data word from the AD7712 is available in the accumulator. Table VII. 8XC51 Code for Reading from the AD7712 MOV SCON,#00010001B; Configure 8051 for MODE 0 Operation MOV IE,#00010000B; Disable All Interrupts SETB 90H; Set P1.0, Used as RFS SETB 91H; Set P1.1, Used as TFS SETB 93H; Set P1.3, Used as A0 MOV R1,#003H; Sets Number of Bytes to Be Read in A Read Operation MOV R0,#030H; Start Address for Where Bytes Will Be Loaded MOV R6,#004H; Use P1.2 as DRDY WAIT: NOP; MOV A,P1; Read Port 1 ANL A,R6; Mask Out All Bits Except DRDY JZ READ; If Zero Read SJMP WAIT; Otherwise Keep Polling READ: CLR 90H; Bring RFS Low CLR 98H; Clear Receive Flag POLL: JB 98H, READ1 Tests Receive Interrupt Flag SJMP POLL READ 1: MOV A,SBUF; Read Buffer RLC A; Rearrange Data MOV B.0,C; Reverse Order of Bits RLC A; MOV B.1,C; RLC A; MOV B.2,C; RLC A; MOV B.3,C; RLC A; MOV B.4,C; RLC A; MOV B.5,C; RLC A; MOV B.6,C; RLC A; MOV B.7,C; MOV A,B; MOV @R0,A; Write Data to Memory INC R0; Increment Memory Location DEC R1 Decrement Byte Counter MOV A,R1 JZ END Jump if Zero JMP WAIT Fetch Next Byte END: SETB 90H Bring RFS High FIN: SJMP FIN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |