Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7712 Datasheet HTML 20Page - Analog Devices AD7712 Datasheet HTML 21Page - Analog Devices AD7712 Datasheet HTML 22Page - Analog Devices AD7712 Datasheet HTML 23Page - Analog Devices AD7712 Datasheet HTML 24Page - Analog Devices AD7712 Datasheet HTML 25Page - Analog Devices AD7712 Datasheet HTML 26Page - Analog Devices AD7712 Datasheet HTML 27Page - Analog Devices AD7712 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
2
–27–
REV. E
AD7712
CLOCK
GENERATION
SERIAL INTERFACE
OUTPUT
REGISTER
CHARGE-BALANCING A/D
CONVERTER
AUTO-ZEROED
–
MODULATOR
DIGITAL
FILTER
AD7712
AGND DGND
MODE SDATA SCLK
A0
MCLK OUT
MCLK IN
AIN1(+)
AIN1(–)
REF
IN (–)
REF
IN (+)
SYNC
4.5 A
A = 1 – 128
DRDY
TFS
RFS
REF OUT
2.5V REFERENCE
VOLTAGE
ATTENUATION
AIN2
STANDBY
CONTROL
REGISTER
VSS
500
PGA
M
U
X
AVDD
AVDD
DVDD
ANALOG +5V SUPPLY
VBIAS
4–20mA
LOOP
Figure 21. 4–20 mA Loop Measurement Using the AD7712
APPLICATIONS
4–20 mA LOOP
The AD7712’s high level input can be used to measure the current
in 4–20 mA loop applications as shown in Figure 21. In this
case, the system calibration capabilities of the AD7712 can be
used to remove the offset caused by the 4 mA flowing through
the 500
Ω resistor. The AD7712 can handle an input span as
low as 3.2
× V
REF (= 8 V with a VREF of +2.5 V) even though the
nominal input voltage range for the input is 10 V. Therefore, the
full span of the A/D converter can be used for measuring the
current between 4 mA and 20 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com