Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7712 Datasheet HTML 20Page - Analog Devices AD7712 Datasheet HTML 21Page - Analog Devices AD7712 Datasheet HTML 22Page - Analog Devices AD7712 Datasheet HTML 23Page - Analog Devices AD7712 Datasheet HTML 24Page - Analog Devices AD7712 Datasheet HTML 25Page - Analog Devices AD7712 Datasheet HTML 26Page - Analog Devices AD7712 Datasheet HTML 27Page - Analog Devices AD7712 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
REV. E
–24–
AD7712
NO
YES
BRING
RFS LOW
3
REVERSE
ORDER OF BITS
BRING
RFS HIGH
POLL
DRDY
CONFIGURE &
INITIALIZE
C/ P
SERIAL PORT
DRDY
LOW?
BRING
RFS, TFS HIGH
READ
SERIAL BUFFER
START
Figure 16. Flowchart for Continuous Read Operations to
the AD7712
The flowchart for Figure 17 is for a single 24-bit write operation
to the AD7712 control or calibration registers. This shows data
being transferred from data memory to the accumulator before
being written to the serial buffer. Some microprocessor systems
will allow data to be written directly to the serial buffer from
data memory. The writing of data to the serial buffer from the
accumulator will generally consist of either two or three write
operations, depending on the size of the serial buffer.
The flowchart also shows the option of the bits being reversed
before being written to the serial buffer. This depends on
whether the first bit transmitted by the microprocessor is the
MSB or the LSB. The AD7712 expects the MSB as the first bit
in the data stream. In cases where the data is being read or
being written in bytes and the data has to be reversed, the bits
will have to be reversed for every byte.
SIMPLIFYING THE EXTERNAL CLOCKING MODE
INTERFACE
In many applications, the user may not require the facility of
writing to the on-chip calibration registers. In this case, the
serial interface to the AD7712 in external clocking mode can be
simplified by connecting the
TFS line to the A0 input of the
AD7712 (see Figure 15). This means that any write to the de-
vice will load data to the control register (since A0 is low while
TFS is low) and any read to the device will access data from the
output data register or from the calibration registers (since A0 is
high while
RFS is low). It should be noted that in this arrange-
ment the user does not have the capability of reading from the
control register.
AD7712
SDATA
SCLK
TFS
A0
FOUR INTER-
FACE LINES
RFS
Figure 15. Simplified Interface with
TFS Connected to A0
Another method of simplifying the interface is to generate the
TFS signal from an inverted RFS signal. However, generating
the signals the opposite way around (
RFS from an inverted
TFS) will cause writing errors.
MICROCOMPUTER/MICROPROCESSOR INTERFACING
The AD7712’s flexible serial interface allows for easy interface
to most microcomputers and microprocessors. Figure 16 shows
a flowchart diagram for a typical programming sequence for
reading data from the AD7712 to a microcomputer while Figure
17 shows a flowchart diagram for writing data to the AD7712.
Figures 18, 19 and 20 show some typical interface circuits.
The flowchart of Figure 16 is for continuous read operations
from the AD7712 output register. In the example shown, the
DRDY line is continuously polled. Depending on the micropro-
cessor configuration, the
DRDY line may come to an interrupt
input in which case the
DRDY will automatically generate an
interrupt without being polled. The reading of the serial buffer
could be anything from one read operation up to three read
operations (where 24 bits of data are read into an 8-bit serial
register). A read operation to the control/calibration registers is
similar, but in this case the status of
DRDY can be ignored. The
A0 line is brought low when the
RFS line is brought low when
reading from the control register.
The flowchart also shows the bits being reversed after they have
been read in from the serial port. This depends on whether the
microprocessor expects the MSB of the word first or the LSB of
the word first. The AD7712 outputs the MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com