Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7715
Description  3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 1 Page - Analog Devices

  AD7715 Datasheet HTML 1Page - Analog Devices AD7715 Datasheet HTML 2Page - Analog Devices AD7715 Datasheet HTML 3Page - Analog Devices AD7715 Datasheet HTML 4Page - Analog Devices AD7715 Datasheet HTML 5Page - Analog Devices AD7715 Datasheet HTML 6Page - Analog Devices AD7715 Datasheet HTML 7Page - Analog Devices AD7715 Datasheet HTML 8Page - Analog Devices AD7715 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FUNCTIONAL BLOCK DIAGRAM
PGA
BUFFER
CHARGE BALANCING
A/D CONVERTER
SIGMA-DELTA
MODULATOR
DIGITAL
FILTER
REF IN(–) REF IN(+)
AVDD
DVDD
A = 1–128
MCLK IN
MCLK OUT
RESET
AIN(+)
AIN(–)
SERIAL
INTERFACE
REGISTER BANK
SCLK
CS
DIN
DOUT
DRDY
CLOCK
GENERATION
AGND
DGND
AD7715
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V/5 V, 450 A
16-Bit, Sigma-Delta ADC
AD7715*
FEATURES
Charge-Balancing ADC
16 Bits No Missing Codes
0.0015% Nonlinearity
Programmable Gain Front End
Gains of 1, 2, 32 and 128
Differential Input Capability
Three-Wire Serial Interface
SPI™, QSPI™, MICROWIRE™ and DSP Compatible
Ability to Buffer the Analog Input
3 V (AD7715-3) or 5 V (AD7715-5) Operation
Low Supply Current: 450
A max @ 3 V Supplies
Low-Pass Filter with Programmable Output Update
16-Lead SOIC/DIP/TSSOP
CMOS construction ensures very low power dissipation, and the
power-down mode reduces the standby power consumption to
50
µW typ. The part is available in a 16-lead, 0.3 inch-wide,
plastic dual-in-line package (DIP) as well as a 16-lead 0.3 inch-
wide small outline (SOIC) package and a 16-lead TSSOP package.
PRODUCT HIGHLIGHTS
1. The AD7715 consumes less than 450
µA in total supply
current at 3 V supplies and 1 MHz master clock, making it
ideal for use in low-power systems. Standby current is less
than 10
µA.
2. The programmable gain input allows the AD7715 to accept
input signals directly from a strain gage or transducer remov-
ing a considerable amount of signal conditioning.
3. The AD7715 is ideal for microcontroller or DSP processor
applications with a three-wire serial interface reducing the
number of interconnect lines and reducing the number of
opto-couplers required in isolated systems. The part con-
tains on-chip registers which allow software control over
output update rate, input gain, signal polarity and calibration
modes.
4. The part features excellent static performance specifications
with 16-bits no missing codes,
±0.0015% accuracy and low
rms noise (<550 nV). Endpoint errors and the effects of
temperature drift are eliminated by on-chip calibration op-
tions, which remove zero-scale and full-scale errors.
GENERAL DESCRIPTION
The AD7715 is a complete analog front end for low frequency
measurement applications. The part can accept low level input
signals directly from a transducer and outputs a serial digital
word. It employs a sigma-delta conversion technique to realize
up to 16 bits of no missing codes performance. The input signal
is applied to a proprietary programmable gain front end based
around an analog modulator. The modulator output is pro-
cessed by an on-chip digital filter. The first notch of this digital
filter can be programmed via the on-chip control register allow-
ing adjustment of the filter cutoff and output update rate.
The AD7715 features a differential analog input as well as a dif-
ferential reference input. It operates from a single supply (+3 V
or +5 V). It can handle unipolar input signal ranges of 0 mV to
+20 mV, 0 mV to +80 mV, 0 V to +1.25 V and 0 V to +2.5 V.
It can also handle bipolar input signal ranges of
±20 mV, ±80 mV,
±1.25 V and ±2.5 V. These bipolar ranges are referenced to
the negative input of the differential analog input. The AD7715
thus performs all signal conditioning and conversion for a single-
channel system.
The AD7715 is ideal for use in smart, microcontroller or DSP
based systems. It features a serial interface that can be config-
ured for three-wire operation. Gain settings, signal polarity and
update rate selection can be configured in software using the
input serial port. The part contains self-calibration and system
calibration options to eliminate gain and offset errors on the
part itself or in the system.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
*Protected by U.S. Patent No: 5,134,401.
See page 30 for data sheet index.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD7715

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7715ACHIPS-3 AD-AD7715ACHIPS-3 Datasheet
495Kb / 40P
3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715ACHIPS-3 AD-AD7715ACHIPS-3 Datasheet
495Kb / 40P
3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715ACHIPS-3 AD-AD7715ACHIPS-3 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7715ACHIPS-5 AD-AD7715ACHIPS-5 Datasheet
495Kb / 40P
3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV.A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV.A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com