Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7715
Description  3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7715 Datasheet HTML 18Page - Analog Devices AD7715 Datasheet HTML 19Page - Analog Devices AD7715 Datasheet HTML 20Page - Analog Devices AD7715 Datasheet HTML 21Page - Analog Devices AD7715 Datasheet HTML 22Page - Analog Devices AD7715 Datasheet HTML 23Page - Analog Devices AD7715 Datasheet HTML 24Page - Analog Devices AD7715 Datasheet HTML 25Page - Analog Devices AD7715 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
REV. C
AD7715
–22–
package allows the user to evaluate the true performance of the
part, independent of the analog input signal. The scheme
involves using a test mode on the part where the differential
inputs to the AD7715 are internally shorted together to provide
a zero differential voltage for the analog modulator. External to
the device, the AIN(–) input should be connected to a voltage
which is within the allowable common-mode range of the part.
This scheme should be used after a calibration has been per-
formed on the part.
DIGITAL INTERFACE
The AD7715’s programmable functions are controlled using a
set of on-chip registers as outlined previously. Data is written to
these registers via the part’s serial interface and read access to
the on-chip registers is also provided by this interface. All com-
munications to the part must start with a write operation to the
Communications Register. After power-on or RESET, the de-
vice expects a write to its Communications Register. The data
written to this register determines whether the next operation to
the part is a read or a write operation and also determines to
which register this read or write operation occurs. Therefore,
write access to any of the other registers on the part starts with a
write operation to the Communications Register followed by a
write to the selected register. A read operation from any other
register on the part (including the output data register) starts
with a write operation to the Communications Register followed
by a read operation from the selected register.
The AD7715’s serial interface consists of five signals,
CS,
SCLK, DIN, DOUT and
DRDY. The DIN line is used for
transferring data into the on-chip registers while the DOUT line
is used for accessing data from the on-chip registers. SCLK is
the serial clock input for the device and all data transfers (either
on DIN or DOUT) take place with respect to this SCLK signal.
The
DRDY line is used as a status signal to indicate when data
is ready to be read from the AD7715’s data register.
DRDY
goes low when a new data word is available in the output regis-
ter. It is reset high when a read operation from the data register
is complete. It also goes high prior to the updating of the output
register to indicate when not to read from the device to ensure
that a data read is not attempted while the register is being
updated.
CS is used to select the device. It can be used to de-
code the AD7715 in systems where a number of parts are con-
nected to the serial bus.
Figures 6 and 7 show timing diagrams for interfacing to the
AD7715 with
CS used to decode the part. Figure 6 is for a read
operation from the AD7715’s output shift register, while Figure
7 shows a write operation to the input shift register. It is pos-
sible to read the same data twice from the output register even
though the
DRDY line returns high after the first read opera-
tion. Care must be taken, however, to ensure that the read
operations have been completed before the next output update
is about to take place.
The AD7715 serial interface can operate in three-wire mode by
tying the
CS input low. In this case, the SCLK, DIN and
DOUT lines are used to communicate with the AD7715 and
the status of
DRDY can be obtained by interrogating the MSB
of the Communications Register. This scheme is suitable for
interfacing to microcontrollers. If
CS is required as a decoding
signal, it can be generated from a port bit. For microcontroller
interfaces, it is recommended that the SCLK idles high between
data transfers.
The AD7715 can also be operated with
CS used as a frame
synchronization signal. This scheme is suitable for DSP inter-
faces. In this case, the first bit (MSB) is effectively clocked out
by
CS since CS would normally occur after the falling edge of
SCLK in DSPs. The SCLK can continue to run between data
transfers provided the timing numbers are obeyed.
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a logic 1 is written to the AD7715 DIN line for at
least 32 serial clock cycles, the serial interface is reset. This
ensures that in three-wire systems that if the interface gets lost
DOUT
SCLK
CS
DRDY
MSB
t5
t7
t9
LSB
t8
t6
t3
t10
t4
Figure 6. Read Cycle Timing Diagram
DIN
SCLK
CS
MSB
t12
t15
LSB
t16
t14
t13
t11
Figure 7. Write Cycle Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com