Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7715
Description  3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7715 Datasheet HTML 23Page - Analog Devices AD7715 Datasheet HTML 24Page - Analog Devices AD7715 Datasheet HTML 25Page - Analog Devices AD7715 Datasheet HTML 26Page - Analog Devices AD7715 Datasheet HTML 27Page - Analog Devices AD7715 Datasheet HTML 28Page - Analog Devices AD7715 Datasheet HTML 29Page - Analog Devices AD7715 Datasheet HTML 30Page - Analog Devices AD7715 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AD7715
–27–
REV. C
+20 mV to 0 V to +2.5 V and bipolar inputs of
±20 mV to
±2.5 V. Because the part operates from a single supply, these
bipolar ranges are with respect to a biased-up differential input.
Pressure Measurement
One typical application of the AD7715 is pressure measurement.
Figure 12 shows the AD7715 used with a pressure transducer,
the BP01 from Sensym. The pressure transducer is arranged in a
bridge network and gives a differential output voltage between
its OUT(+) and OUT(–) terminals. With rated full-scale pres-
sure (in this case 300 mmHg) on the transducer, the differential
output voltage is 3 mV/V of the input voltage (i.e., the voltage
between its IN(+) and IN(–) terminals).
Assuming a 5 V excitation voltage, the full-scale output range
from the transducer is 15 mV. The excitation voltage for the
bridge is also used to generate the reference voltage for the
AD7715. Therefore, variations in the excitation voltage do not
introduce errors in the system. Choosing resistor values of 24 k
Ω
and 15 k
Ω as per the diagram give a 1.92 V reference voltage for
the AD7715 when the excitation voltage is 5 V.
Using the part with a programmed gain of 128 results in the full-
scale input span of the AD7715 being 15 mV which corresponds
with the output span from the transducer.
APPLICATIONS
The AD7715 provides a low cost, high resolution analog-to-
digital function. Because the analog-to-digital function is pro-
vided by a sigma-delta architecture, it makes the part more
immune to noisy environments thus making the part ideal for
use in industrial and process control applications. It also
provides a programmable gain amplifier, a digital filter and
calibration options. Thus, it provides far more system level
functionality than off-the-shelf integrating ADCs without the
disadvantage of having to supply a high quality integrating ca-
pacitor. In addition, using the AD7715 in a system allows the
system designer to achieve a much higher level of resolution
because noise performance of the AD7715 is significantly better
than that of the integrating ADCs.
The on-chip PGA allows the AD7715 to handle an analog input
voltage range as low as 10 mV full-scale with VREF = +1.25 V.
The differential inputs of the part allow this analog input range
to have an absolute value anywhere between AGND and AVDD
when the part is operated in unbuffered mode. It allows the user
to connect the transducer directly to the input of the AD7715.
The programmable gain front end on the AD7715 allows the
part to handle unipolar analog input ranges from 0 mV to
IN–
OUT+
IN+
OUT–
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
SERIAL INTERFACE
REGISTER BANK
MCLK IN
MCLK OUT
REF IN (+)
REF IN (–)
AGND
DGND
DOUT
DIN
CS
SCLK
DRDY
RESET
24k
15k
DVDD
AD7715
+5V
EXCITATION VOLTAGE = +5V
AIN(+)
AIN(–)
A = 1–128
PGA
BUFFER
CLOCK
GENERATION
Figure 12. Pressure Measurement Using the AD7715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com