Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7715
Description  3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7715 Datasheet HTML 5Page - Analog Devices AD7715 Datasheet HTML 6Page - Analog Devices AD7715 Datasheet HTML 7Page - Analog Devices AD7715 Datasheet HTML 8Page - Analog Devices AD7715 Datasheet HTML 9Page - Analog Devices AD7715 Datasheet HTML 10Page - Analog Devices AD7715 Datasheet HTML 11Page - Analog Devices AD7715 Datasheet HTML 12Page - Analog Devices AD7715 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AD7715
–9–
REV. C
Communications Register (RS1, RS0 = 0, 0)
The Communications Register is an eight-bit register from which data can either be read or to which data can be written. All com-
munications to the part must start with a write operation to the Communications Register. The data written to the Communications
Register determines whether the next operation is a read or write operation and to which register this operation takes place. Once the
subsequent read or write operation to the selected register is complete, the interface returns to where it expects a write operation to
the Communications Register. This is the default state of the interface, and on power-up or after a
RESET, the AD7715 is in this
default state waiting for a write operation to the Communications Register. In situations where the interface sequence is lost, if a
write operation to the device of sufficient duration (containing at least 32 serial clock cycles) takes place with DIN high, the AD7715
returns to this default state. Table I outlines the bit designations for the Communications Register.
Table I. Communications Register
0/
DRDY
ZERO
RS1
RS0
R/
W
STBY
G1
G0
0/
DRDY
For a write operation, a 0 must be written to this bit so that the write operation to the Communications Reg-
ister actually takes place. If a 1 is written to this bit, the part will not clock on to subsequent bits in the regis-
ter. It will stay at this bit location until a 0 is written to this bit. Once a 0 is written to this bit, the next 7 bits
will be loaded to the Communications Register. For a read operation, this bit provides the status of the
DRDY flag from the part. The status of this bit is the same as the DRDY output pin.
ZERO
For a write operation, a 0 must be written to this bit for correct operation of the part. Failure to do this will
result in unspecified operation of the device. For a read operation, a 0 will be read back from this bit location.
RS1– RS0
Register Selection Bits. These bits select to which one of four on-chip registers the next read or write opera-
tion takes place as shown in Table II along with the register size. When the read or write to the selected regis-
ter is complete, the part returns to where it is waiting for a write operation to the Communications Register.
It does not remain in a state where it will continue to access the selected register.
R/
W
Read/Write Select. This bit selects whether the next operation is a read or write operation to the selected
register. A 0 indicates a write cycle as the next operation to the appropriate register, while a 1 indicates a read
operation from the appropriate register.
Table II. Register Selection
RS1
RS0
Register
Register Size
0
0
Communications Register
8 Bits
0
1
Setup Register
8 Bits
1
0
Test Register
8 Bits
1
1
Data Register
16 Bits
STBY
Standby. Writing a 1 to this bit puts the part in its standby or power-down mode. In this mode, the part
consumes only 10
µA of power supply current. The part retains its calibration and control word information
when in STANDBY. Writing a 0 to this bit places the part in its normal operating mode. The default value
for this bit after power-on or RESET is 0.
G2
G1
Gain Setting
00
1
01
2
10
32
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com