Electronic Components Datasheet Search
  English  ▼

X  

AD7715 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7715
Description  3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7715 Datasheet HTML 23Page - Analog Devices AD7715 Datasheet HTML 24Page - Analog Devices AD7715 Datasheet HTML 25Page - Analog Devices AD7715 Datasheet HTML 26Page - Analog Devices AD7715 Datasheet HTML 27Page - Analog Devices AD7715 Datasheet HTML 28Page - Analog Devices AD7715 Datasheet HTML 29Page - Analog Devices AD7715 Datasheet HTML 30Page - Analog Devices AD7715 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
REV. C
AD7715
–28–
Temperature Measurement
Another application area for the AD7715 is in temperature
measurement. Figure 13 outlines a connection from a thermo-
couple to the AD7715. In this application, the AD7715 is oper-
ated in its buffered mode to allow large decoupling capacitors
on the front end to eliminate any noise pickup which there may
have been in the thermocouple leads. When the AD7715 is
operated in buffered mode, it has a reduced common-mode
range. In order to place the differential voltage from the thermo-
couple on a suitable common-mode voltage, the AIN(–) input of
the AD7715 is biased up at the reference voltage, +2.5 V.
Figure 14 shows another temperature measurement application
for the AD7715. In this case, the transducer is an RTD (Resis-
tive Temperature Device), a PT100. The arrangement is a 4-
lead RTD configuration. There are voltage drops across the lead
resistances RL1 and RL4, but these simply shift the common-
mode voltage. There is no voltage drop across lead resistances
RL2 and RL3 as the input current to the AD7715 is very low. The
lead resistances present a small source impedance so it would
not generally be necessary to turn on the buffer on the AD7715.
If the buffer is required, the common-mode voltage should be
set accordingly by inserting a small resistance between the bot-
tom end of the RTD and AGND of the AD7715. In the appli-
cation shown an external 400
µA current source provides the
excitation current for the PT100 and it also generates the refer-
ence voltage for the AD7715 via the 6.25 k
Ω resistor. Variations
in the excitation current do not affect the circuit as both the
input voltage and the reference voltage vary ratiometrically with
the excitation current. However, the 6.25 k
Ω resistor must have
a low temperature coefficient to avoid errors in the reference
voltage over temperature.
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
SERIAL INTERFACE
REGISTER BANK
MCLK IN
MCLK OUT
REF IN (+)
REF IN (–)
AGND
DGND
DOUT
DIN
CS
SCLK
DRDY
RESET
DVDD
AD7715
+5V
AIN (+)
AIN (–)
A = 1–128
PGA
BUFFER
CLOCK
GENERATION
GND
CC
VOUT
REF192
THERMOCOUPLE
JUNCTION
+5V
+VIN
R
R
Figure 13. Thermocouple Measurement Using the AD7715
400 A
RL4
RL3
RL2
RL1
RTD
6.25k
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
SERIAL INTERFACE
REGISTER BANK
MCLK IN
MCLK OUT
REF IN (+)
REF IN (–)
AGND
DGND
DOUT
DIN
CS
SCLK
DRDY
RESET
DVDD
AD7715
+5V
AIN(+)
AIN(–)
A = 1–128
PGA
BUFFER
CLOCK
GENERATION
Figure 14. RTD Measurement Using the AD7715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com