Electronic Components Datasheet Search
  English  ▼

X  

AD8309 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 5 Page - Analog Devices

  AD8309 Datasheet HTML 1Page - Analog Devices AD8309 Datasheet HTML 2Page - Analog Devices AD8309 Datasheet HTML 3Page - Analog Devices AD8309 Datasheet HTML 4Page - Analog Devices AD8309 Datasheet HTML 5Page - Analog Devices AD8309 Datasheet HTML 6Page - Analog Devices AD8309 Datasheet HTML 7Page - Analog Devices AD8309 Datasheet HTML 8Page - Analog Devices AD8309 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
AD8309
–5–
INPUT LEVEL – dBm Re 50
2.5
–100
2.0
1.5
1.0
0.5
0
–80
–60
–40
–20
0
20
40
TA = +85 C
TA = +25 C
TA = –40 C
Figure 7. RSSI Output vs. Input Level, 100 MHz Sine Input,
at TA = –40°C, +25°C and +85°C, Single-Ended Input
INPUT LEVEL – dBm Re 50
2.5
–100
2.0
1.5
1.0
0.5
0
–80
–60
–40
–20
0
20
40
100MHz
50MHz
200MHz
5MHz
Figure 8. RSSI Output vs. Input Level, at TA = +25°C, for
Frequencies of 5 MHz, 50 MHz, 100 MHz and 200 MHz
INPUT LEVEL – dBm Re 50
2.5
–100
2.0
1.5
1.0
0.5
0
–80
–60
–40
–20
0
20
40
300MHz
400MHz
500MHz
Figure 9. RSSI Output vs. Input Level, at TA = +25
°C, for
Frequencies of 300 MHz, 400 MHz and 500 MHz
INPUT LEVEL – dBm Re 50
5
–100
4
3
2
1
0
–1
–2
–3
–4
–5
–80
–60
–40
–20
0
20
40
TA = +85 C
TA = +25 C
TA = –40 C
Figure 10. Log Linearity of RSSI Output vs. Input Level,
100 MHz Sine Input, at TA = –40°C, +25°C, and +85°C
INPUT LEVEL – dBm Re 50
5
–90
4
3
2
1
0
–1
–2
–3
–4
–5
–80 –70 –60 –50 –40 –30 –20 –10
0
10
20
30
DYNAMIC RANGE
5MHz
50MHz
100MHz
200MHz
3dB
93
99
103
102
1dB
85
91
97
96
50MHz
5MHz
200MHz
100MHz
Figure 11. Log Linearity of RSSI Output vs. Input Level, at
TA = +25°C, for Frequencies of 5 MHz, 50 MHz, 100 MHz
and 200 MHz
INPUT LEVEL – dBm Re 50
5
–90
4
3
2
1
0
–1
–2
–3
–4
–5
–80 –70 –60 –50 –40 –30 –20 –10
0
10
20
30
DYNAMIC RANGE
300MHz
400MHz
500MHz
3dB
102
100
100
1dB
90
65
66
300MHz
400MHz
500MHz
Figure 12. Log Linearity of RSSI Output vs. Input Level,
at TA = +25°C, for Frequencies of 300 MHz, 400 MHz and
500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com