Electronic Components Datasheet Search
  English  ▼

X  

AD8309 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8309 Datasheet HTML 6Page - Analog Devices AD8309 Datasheet HTML 7Page - Analog Devices AD8309 Datasheet HTML 8Page - Analog Devices AD8309 Datasheet HTML 9Page - Analog Devices AD8309 Datasheet HTML 10Page - Analog Devices AD8309 Datasheet HTML 11Page - Analog Devices AD8309 Datasheet HTML 12Page - Analog Devices AD8309 Datasheet HTML 13Page - Analog Devices AD8309 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
AD8309
–10–
sensitivity to disturbances on the supply lines. With careful
design, the sensitivities to many other parametric variations, and
the effects of temperature and supply voltage, can be reduced to
negligible proportions.
A/0
A/0
A/0
gm
gm
gm
gm
STAGE 1
STAGE 2
STAGE N
–
RSLOPE
VLOG
VLIM
VIN
+TOP-END
DETECTORS
CURRENT-SUMMING LINE
Figure 24. Basic Log Amp Structure Using A/0 Stages and
Transconductance (gm) Cells for Summing
The output of each gain cell has an associated transconductance
(gm) cell, which converts the differential output voltage of the
cell to a pair of differential currents; these are summed by sim-
ply connecting the outputs of all the gm (detector) stages in
parallel. The total current is then converted back to a voltage by
a transresistance stage, which determines the slope of the loga-
rithmic output. This general scheme is depicted, in a simplified
single-sided form, in Figure 24. Additional detectors, driven by
a passive attenuator, may be added to extend the top end of the
dynamic range.
The slope voltage may now be decoupled from the knee-voltage
EK = 2kT/q, which is inherently PTAT. The detector stages are
biased with currents (not shown in the Figure) which can be
derived from a band-gap reference and thus be stable with tem-
perature. This is the architecture used in the AD8309. It affords
complete control over the magnitude and temperature behavior
of the logarithmic slope.
A further step is yet needed to achieve the demodulation response,
required in a log-limiter amp is to convert an alternating input
into a quasi- dc baseband output. This is achieved by modifying
the gm cells used for summation purposes to implement the
rectification function. Early log amps based on the progressive
compression technique used half-wave rectifiers, which made
post-detection filtering difficult. The AD640 was the first com-
mercial monolithic log amp to use a full-wave rectifier; this
proprietary practice has been used in all subsequent Analog
Devices types.
We can model these detectors as being essentially linear gm cells,
but producing an output current that is independent of the sign
of the voltage applied to the input. That is, they implement the
absolute-value function. Since the output from the later A/0 stages
closely approximates an amplitude symmetric square wave for
even moderate input levels, the current output from each detec-
tor is almost constant over each period of the input. Somewhat
earlier detectors stages in the chain produce a waveform having
only very brief “dropouts” at twice the input frequency. Only
those detectors nearest the log amp’s input produce a low level
waveform that is approximately sinusoidal. When all these (cur-
rent mode) outputs are summed, the resulting signal has a wave-
form which is readily filtered, to provide a low residual ripple on
the output.
Intercept Calibration
Monolithic log amps from Analog Devices incorporate accurate
means to position the intercept voltage VX (or equivalent sine-
wave power for a demodulating log amp, when driven at a spe-
cific impedance level). Using the scheme shown in Figure 24,
the value of the intercept level departs considerably from that
predicted by the simple theory. Nevertheless, the intrinsic inter-
cept voltage is still proportional to EK, which is PTAT (propor-
tional to absolute temperature).
Recalling that the addition of an offset to the output produces
an effect which is indistinguishable from a change in the posi-
tion of the intercept, it will be apparent that we can cancel the
“left-right” motion of VX resulting from the temperature varia-
tion of EK by simply adding an offset at its demodulated output
having the required temperature behavior.
The precise temperature-shaping of the intercept-positioning
offset can result in a log amp having stable scaling parameters,
making it a true measurement device, for example, as a calibrated
Received Signal Strength Indicator (RSSI). In this application,
one is more interested in the value of the output for an input
waveform which is often sinusoidal (CW). The input level be
stated as an equivalent power, in dBm, but it is essential to
know the impedance level at which this “power” is presumed to
be measured. In an impedance of 50
Ω, 0 dBm (1 mW) corre-
sponds to a sinusoidal amplitude of 316.2 mV (223.6 mV rms).
For the AD8309, the intercept may be specified in dBm when
the input impedance is lowered to 50
Ω, by the addition of a
shunt resistor of 52.3
Ω, in which case it occurs at –95 dBm.
However, the response is actually to the voltage at the input, not
the power in the termination resistor, and should be specified in
dBV. A –95 dBm sine input across a 50
Ω resistance corre-
sponds to an amplitude of 5.6
µV, or –108 dBV, where 0 dBV is
specified as a sine waveform of 1 V rms, that is, 2.8 V p-p.
Note that a log amp’s intercept is a function of waveform. For
example, a square-wave input will read 6 dB higher than a sine-
wave of the same amplitude, and a Gaussian noise input 0.5 dB
higher than a sine wave of the same rms value. Further, a log
amp driven by the sum of two sinusoidal voltages of equal am-
plitude will show an output that is only 2.1 dB higher than the
response for a single sine wave drive, rather than the 3 dB that
might be expected if the device truly responded to input power.
These are characteristics exhibited by all demodulating log amps.
Dynamic Range
The lower end of the dynamic range is determined largely by the
thermal noise floor, measured at the input of the amplifier chain.
For the AD8309, the short-circuit input-referred noise-spectral
density is 1.1 nV/
√Hz, and 1.275 nV/√Hz when driven from a
net source impedance of 25
Ω (a terminated 50 Ω). This corre-
sponds to a noise power of –78 dBm in a 500 MHz bandwidth.
The upper end of the dynamic range is extended upward by the
addition of top-end detectors driven by a tapped attenuator. These
smaller signals are applied to additional full-wave detectors
whose outputs are summed with those of the main detectors.
With care in design, this extension in the dynamic range can be
‘seamless’ over the full frequency range. For the AD8309 it
amounts to a further 48 dB. When using a supply of 4.5 V or
greater, an input amplitude of 4 V can be accommodated, corre-
sponding to a power level of +22 dBm in 50
Ω. (A larger input
voltage may cause damage.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com