Electronic Components Datasheet Search
  English  ▼

X  

AD8309 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8309 Datasheet HTML 12Page - Analog Devices AD8309 Datasheet HTML 13Page - Analog Devices AD8309 Datasheet HTML 14Page - Analog Devices AD8309 Datasheet HTML 15Page - Analog Devices AD8309 Datasheet HTML 16Page - Analog Devices AD8309 Datasheet HTML 17Page - Analog Devices AD8309 Datasheet HTML 18Page - Analog Devices AD8309 Datasheet HTML 19Page - Analog Devices AD8309 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. B
AD8309
–19–
Table IV. Evaluation Board Setup Options
Component
Function
Default Condition
SW1
Device Enable. When in position A, the ENBL pin is connected to +VS and the
SW1 = A
AD8309 is in normal operating mode. In position B, the ENBL pin is connected
to an SMA connector labeled Ext Enable. An applied signal can be applied to this
connector to enable/disable the AD8309. If left open, the ENBL pin will float to
ground putting the device in power-down mode.
R1
This pad is used to ac-couple to ground for single-ended input drive. To drive the
R1 = 0
Ω
AD8309 differentially, R1 should be removed.
R/L, C1, C2
Input Interface. The 52.3
Ω resistor in position R/L along with C1 and C2 create
R/L= 52.3
Ω
a high pass input filter whose corner frequency (640 kHz) is equal to 1/(
πRC),
C1 = C2 = 0.01
µF
where C = C1 = C2 and R is the parallel combination of 52.3
Ω and the AD8309’s
input impedance of 1000
Ω. Alternatively, the 52.3 Ω resistor can be replaced by
an inductor to form an input matching network. See Input Matching Network
section for more details.
R3/R4
Slope Adjust. A simple slope adjustment can be implemented by adding a resistive
R3 = 0
Ω
divider at the VLOG output. R3 and R4, whose sum should be about 1 k
Ω, and
R4 =
never less than 40
Ω (see specs), set the slope according to the equation:
Slope = 20 mV/dB
× R4/(R3+R4).
L1, C5, C6
Limiter Output Coupling. C5 and C6 ac-couple the limiter’s differential outputs.
L1 = Open
By adjusting these values and installing an inductor in L1, an output matching
C5 = 0.01
µF
network can be implemented.
C6 = 0.01
µF
R8, LK1
Limiter Output Current. With LK2 installed, R8 enables and sets the limiter
LK1 Installed. R8 = 402
Ω
output current. The limiter’s output current is set according to the equation
(IOUT = 400 mV/R8). The limiter current can be as high as 10 mA (R8 = 40 Ω).
To disable the limiter (recommended if the limiter is not being used), LK3 should
be removed.
C7
RSSI Bandwidth Adjust. The addition of C7 will lower the RSSI bandwidth of the
C7 = Open
VLOG output according to the equation: fCORNER = 12.7 × 10
–6/(C
FILT + 3.5 pF).
Figure 41. Layout of Signal Layer
Figure 42. Layout of Power Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com